I641-61AB8O2-155.520
AI

The part number **I641-61AB8O2-155.520** refers to a high-precision, low-jitter frequency control component, specifically a **Voltage Controlled Crystal Oscillator (VCXO)** or a standard **Crystal Oscillator (XO)** produced by ILSI (a brand under Abracon).
Below is the technical breakdown of the component's specifications based on standard industry coding for this series.
---
### 1. Technical Specification Table
| Feature | Detail | Description |
| :--- | :--- | :--- |
| **Primary Category** | Frequency Control | Crystal Oscillator (SMD) |
| **Frequency** | 155.520 MHz | Standard frequency for SONET/SDH/ATM networks |
| **Output Type** | LVPECL / LVDS | Differential signaling for high-speed data |
| **Supply Voltage** | 3.3V or 2.5V | Common logic supply voltage |
| **Package Size** | 5.0 x 7.0 mm | 6-pad Ceramic Surface Mount Device (SMD) |
| **Stability** | ±20ppm to ±50ppm | Variation over temperature range |
| **Operating Temp** | -40°C to +85°C | Industrial temperature grade |
---
### 2. Part Number Breakdown
The alphanumeric string describes the physical and electrical characteristics:
1. **I641**: Represents the series (typically a 5x7mm 6-pad differential output oscillator).
2. **61**: Internal code for specific electrical characteristics (Supply voltage/Output type).
3. **A**: Operating temperature range (typically Industrial: -40°C to +85°C).
4. **B**: Frequency stability code (e.g., ±50ppm).
5. **8O2**: Specific internal configuration or revision code.
6. **155.520**: The output frequency in Megahertz (MHz).
---
### 3. Key Electronic Characteristics
#### A. Differential Output (LVPECL/LVDS)
At 155.520 MHz, signal integrity is critical. This part likely uses **Low-Voltage Positive Emitter-Coupled Logic (LVPECL)**. This provides high-speed switching, low phase noise, and excellent jitter performance, which is necessary for high-speed clocking.
#### B. Frequency Significance (155.520 MHz)
This specific frequency is the "Golden Frequency" for **Optical Networking**. It is the base rate for:
* **STM-1** (Synchronous Transport Module level-1)
* **OC-3** (Optical Carrier level-3)
* Used extensively in routers, switches, and fiber-optic telecommunications equipment.
#### C. Phase Jitter
Components in this series are engineered for "Low Jitter" (often <1ps RMS). This ensures that when the signal travels through long-distance fiber or high-speed PCB traces, the timing remains accurate enough for the receiver to decode the data without errors.
---
### 4. Common Applications
* Telecommunications (SONET/SDH/DWDM)
* Data Communications (Gigabit Ethernet)
* Storage Area Networks (Fiber Channel)
* High-speed FPGA clocking
- ⤷
What are the pinout configurations for a standard 5x7mm 6-pad oscillator?
- ⤷ How does LVPECL output differ from LVDS in terms of power consumption?
- ⤷ Is there a direct equivalent for this part from other manufacturers like Epson or SiTime?