AI

The part number **I640-63BC8O2-155.520** refers to a high-precision **Voltage Controlled Crystal Oscillator (VCXO)**, typically manufactured by companies like ILSI or MMD (often utilized in telecommunications and high-speed networking).
---
### Part Number Decomposition
To understand the electronic capabilities, we can break down the coding structure:
| Segment | Meaning | Specification |
| :--- | :--- | :--- |
| **I640** | Series/Package | High-stability VCXO series |
| **63** | Operating Voltage | Typically **3.3V DC** |
| **B** | Operating Temperature | Usually **-20°C to +70°C** (Industrial/Commercial) |
| **C** | Frequency Stability | Often **±50 ppm** or better |
| **8** | Pulling Range | Minimum pulling range (e.g., **±80 ppm**) |
| **O2** | Output Type | **LVPECL** (Low-Voltage Positive Emitter-Coupled Logic) |
| **155.520** | Nominal Frequency | **155.520 MHz** |
---
### Technical Specifications
This component is designed for timing applications that require high frequency and low jitter.
#### 1. Frequency (155.520 MHz)
This specific frequency is the standard for **SONET/SDH** (OC-3) networking. It is a critical clock frequency used in fiber-optic communication systems.
#### 2. Output Logic (LVPECL)
* **Signaling:** Differential (Two complementary output lines).
* **Advantage:** Provides excellent noise immunity and very fast switching speeds, which is necessary for frequencies above 100 MHz.
* **Termination:** Requires specific 50-ohm termination to $V_{cc} - 2V$.
#### 3. Control Voltage (VCXO Function)
The "VC" in VCXO means the output frequency can be "steered" or adjusted slightly by applying a DC voltage to a control pin. This is used for:
* Phase-Locked Loops (PLL).
* Frequency synchronization between two different clock domains.
#### 4. Physical Characteristics
* **Package Size:** Usually a surface-mount device (SMD), common sizes are 5x7mm or 3.2x5mm.
* **Pinout:** Typically 6-pin configuration (V-control, Enable/Disable, Ground, Output, Complementary Output, Vcc).
---
### Common Applications
Due to its precision and standard frequency, this part is found in:
1. **Optical Networking:** SONET/SDH, Gigabit Ethernet.
2. **Base Stations:** LTE/5G cellular infrastructure.
3. **Data Centers:** High-speed switches and routers.
4. **Test Equipment:** Signal generators and frequency counters.
- ⤷What is the typical jitter performance for an LVPECL VCXO at 155.520 MHz?
- ⤷ How do I calculate the termination resistors for this LVPECL output?
- ⤷ What are the alternative frequencies used in SONET/SDH besides 155.520 MHz?