I640-63BC3O2-155.520
AI

The part number **I640-63BC3O2-155.520** refers to a high-precision **Voltage Controlled Crystal Oscillator (VCXO)**, typically manufactured by ILSI America (now part of the Abracon group). These components are critical for frequency control in high-speed telecommunications and networking hardware.
---
### 1. Part Number Breakdown
The nomenclature follows a specific coding structure that defines the electrical and physical characteristics of the device:
| Segment | Value | Description |
| :--- | :--- | :--- |
| **Series** | I640 | 5.0 x 7.0 mm Surface Mount (SMD) VCXO |
| **Voltage** | 6 | +3.3 VDC Operating Voltage |
| **Output** | 3 | LVPECL (Low-Voltage Positive Emitter-Coupled Logic) |
| **Stability** | B | ±50 ppm Stability |
| **Temp Range** | C | -20°C to +70°C (Commercial Grade) |
| **Pullability** | 3 | ±100 ppm Minimum Pull Range |
| **Duty Cycle** | O | 45/55% Symmetry |
| **Tri-state** | 2 | Enable/Disable Function on Pin 2 |
| **Frequency** | 155.520 | 155.520 MHz (Standard SDH/SONET Frequency) |
---
### 2. Key Technical Specifications
Based on the decoded string, the electronic behavior of this part is characterized by:
* **Frequency:** 155.520 MHz. This is a standard frequency used in **OC-3/STM-1** optical networking protocols.
* **Logic Type (LVPECL):** This differential signaling method is used for high-frequency applications because it provides excellent noise immunity and very fast switching speeds (low jitter).
* **Pullability:** The "Pull Range" of ±100 ppm allows the output frequency to be adjusted slightly by varying the control voltage. This is essential for Phase-Locked Loops (PLL) to synchronize with an incoming data stream.
* **Package Size:** 7.0 x 5.0 mm with 6 pads, designed for automated SMT (Surface Mount Technology) assembly.
---
### 3. Common Applications
This specific component is usually found in the following electronic systems:
1. **Telecommunications:** SDH (Synchronous Digital Hierarchy) and SONET (Synchronous Optical Networking) equipment.
2. **Data Communications:** Gigabit Ethernet and Fiber Channel switches.
3. **Clock Recovery:** Used in circuits that need to "lock" onto a specific timing signal from a network provider.
4. **Base Stations:** Cellular infrastructure requiring precise timing for synchronization.
---
### 4. Typical Connection Diagram (6-Pad Layout)
| Pad Number | Function | Description |
| :--- | :--- | :--- |
| 1 | Vc | Control Voltage (Input to adjust frequency) |
| 2 | E/D or NC | Enable/Disable (Tri-state) |
| 3 | GND | Case Ground |
| 4 | Output | LVPECL Output |
| 5 | Comp Output | Complementary LVPECL Output |
| 6 | Vdd | Supply Voltage (+3.3V) |
- ⤷
What is the difference between a VCXO and a standard XO?
- ⤷ How does LVPECL logic compare to LVDS in terms of power consumption?
- ⤷ What are the termination requirements for an LVPECL output?