AI

The term **"I331M"** typically refers to a specific type of **Ceramic Disc Capacitor**, common in electronic filtering and decoupling applications. Below is a detailed breakdown of its electronic characteristics and technical specifications.
---
## 1. Decoding the Part Number
In electronic component marking, the code "331M" follows a standard industry convention:
| Code Segment | Meaning | Value / Description |
| :--- | :--- | :--- |
| **33** | Significant Digits | The first two numbers are 3 and 3. |
| **1** | Multiplier | $10^1$ (Add one zero). |
| **M** | Tolerance | $\pm 20\%$ |
| **Result** | **Capacitance** | **330 pF (Picofarads)** |
---
## 2. Technical Specifications
While specific manufacturers (like Murata, TDK, or Vishay) may have slight variations, a standard 331M capacitor generally adheres to these parameters:
### Electrical Properties
* **Capacitance:** 330 pF.
* **Tolerance:** ±20% (Standard for "M" rating).
* **Voltage Rating:** Common ratings include 50V, 100V, 1kV, or 2kV (Check the marking below the "331M" for the specific voltage).
* **Dielectric Type:** Usually Class 2 ceramic (e.g., Y5P or Z5U), which provides high volumetric efficiency but less temperature stability than Class 1 (NPO).
### Physical Characteristics
* **Form Factor:** Leaded Disc (Through-hole).
* **Coating:** Epoxy resin (usually blue or orange) for moisture and flame resistance.
* **Leads:** Tin-plated copper or copper-clad steel.
---
## 3. Common Applications
Because 330 pF is a relatively small capacitance value, these parts are used for high-frequency tasks:
1. **Noise Suppression:** Filtering out high-frequency electromagnetic interference (EMI) in power supplies.
2. **Decoupling:** Placing near integrated circuits (ICs) to smooth out small voltage spikes.
3. **Snubber Circuits:** Used in switching power supplies to protect transistors from inductive kicks.
4. **Antenna Matching:** Found in RF circuits for basic impedance matching.
---
## 4. Comparison Table: 331M vs. Similar Parts
| Part Code | Capacitance | Common Use |
| :--- | :--- | :--- |
| **331M** | 330 pF | RF Filtering, Snubbers |
| **332M** | 3,300 pF (3.3 nF) | Audio Coupling, Power Filtering |
| **333M** | 33,000 pF (33 nF) | General Decoupling |
| **330J** | 33 pF (±5%) | Precision Timing, Crystal Oscillators |
---
- ⤷
How do I determine the voltage rating if it is not printed on the disc?
- ⤷ What is the difference between an 'M' tolerance and a 'K' tolerance for this capacitor?
- ⤷ Can a 331M ceramic capacitor be used in AC power line applications?