HX-R-BNC
AI

The **HX-R-BNC** refers to a specific style of BNC (Bayonet Neill–Concelman) connector, typically a **Right-Angle (R)**, **Bulkhead (B)** mount, **PCB-mounted** connector. These are fundamental components in radio frequency (RF) circuits, oscilloscopes, and video transmission hardware.
---
## 1. Physical and Structural Components
The electronic integrity of the HX-R-BNC depends on its physical construction:
| Component | Material | Function |
| :--- | :--- | :--- |
| **Outer Shell/Body** | Nickel-plated Brass/Zinc | Provides grounding and shielding against EMI. |
| **Center Pin** | Gold-plated Brass/Copper | Conducts the high-frequency signal with low resistance. |
| **Insulator** | PTFE (Teflon) | Maintains the distance between signal and ground to fix impedance. |
| **Right-Angle Leads** | Tin-plated Alloy | Designed for 90-degree soldering onto a PCB. |
---
## 2. Key Electronic Specifications
To integrate this part into a circuit, an engineer must consider these electrical parameters:
### A. Characteristic Impedance
Most HX-R-BNC connectors are rated at either **50 Ohms** or **75 Ohms**.
* **50 $\Omega$:** Used for data and RF (WiFi, Radio).
* **75 $\Omega$:** Used for high-definition video (SDI) and cable TV.
### B. Frequency Range
Standard versions typically operate from **DC up to 4 GHz**. High-performance versions for HD-SDI video can reach up to **12 GHz**.
### C. Voltage Rating
They are usually rated for a working voltage of **500V RMS**, with a dielectric withstanding voltage of up to **1500V RMS**.
---
## 3. PCB Interface (The "R-B" Designation)
The "HX-R-BNC" part is designed for specific mounting:
1. **Right-Angle (R):** The connector face is perpendicular to the solder pins. This is ideal for side-panel ports on devices like signal generators.
2. **Bulkhead (B):** Includes a threaded neck and a nut/washer. This allows the connector to be mechanically secured to the device's outer metal chassis, providing a solid ground connection and strain relief.
3. **Through-Hole Pins:** Usually features 2 to 4 ground legs and 1 central signal pin for stable PCB mounting.
---
## 4. Typical Application Circuit
In a standard electronic design, the HX-R-BNC is used as the interface for a coaxial cable.
```mermaid
graph LR
A[Internal PCB Signal] --> B(Impedance Matching Resistor)
B --> C{HX-R-BNC Connector}
C --> D[Coaxial Cable]
C -.-> E[Chassis Ground]
```
---
- ⤷
What is the difference between the 50 Ohm and 75 Ohm versions of this connector?
- ⤷ How does the Right-Angle design affect signal integrity at high frequencies?
- ⤷ What are the standard footprints for soldering an HX-R-BNC to a PCB?