công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • HVS-G2-R

  • AI
    The **HVS-G2-R** typically refers to a high-voltage sensor or specialized controller unit often used in automotive (EV/HEV) battery management systems or industrial power electronics. It is designed to monitor high-voltage circuits and ensure safety via isolation. --- ### Core Electronic Components and Functions The internal architecture of an HVS-G2-R device generally consists of the following electronic modules: | Component Type | Functional Description | Key Features | | :--- | :--- | :--- | | **High-Voltage Interface** | Resistor ladders and attenuators for input. | Handles up to 1000V+ DC; uses high-precision resistors. | | **Isolation Barrier** | Galvanic isolation between HV and LV sides. | Uses optocouplers or magnetic isolators to prevent arcing. | | **Analog-to-Digital (ADC)** | Converts analog voltage levels to digital data. | High resolution (12-bit or 16-bit) for precise SOC/SOH calculation. | | **Microcontroller (MCU)** | The "brain" that processes sensor data. | Typically runs automotive-grade firmware with CAN-bus support. | | **CAN Transceiver** | Communication interface. | Sends voltage data to the Main Battery Management System (BMS). | --- ### Technical Specifications (Typical) Depending on the specific manufacturer (often associated with brands like **Denso** or **Hitachi** in EV contexts), the electronics are designed for extreme environments: 1. **Voltage Monitoring:** Capable of measuring stack voltage or individual link voltages. 2. **Current Consumption:** Low-power sleep modes to prevent battery drain when the vehicle is off. 3. **Safety Rating:** Complies with ASIL (Automotive Safety Integrity Level) standards, usually ASIL-C or D. 4. **Protection Circuitry:** * **Zener Diodes:** For over-voltage protection. * **Filtering Capacitors:** To reduce EMI/RFI noise from the inverter. --- ### Signal Flow Diagram ```mermaid graph LR A[High Voltage Source] --> B[Voltage Divider] B --> C[Isolation Barrier] C --> D[MCU/ADC] D --> E[CAN Transceiver] E --> F[Vehicle Control Unit] ``` ### Application Context The **HVS-G2-R** is critical for: * **Pre-charge Monitoring:** Ensuring the HV bus is energized correctly before closing the main contactors. * **Leakage Detection:** Monitoring the resistance between the HV bus and the vehicle chassis. * **Voltage Balancing:** Providing data to ensure the battery pack operates within safe limits.
    ✨ Follow-up Questions
    • ⤷ What is the maximum voltage rating for the HVS-G2-R?
    • ⤷ Does this module support CAN-FD or standard CAN 2.0B?
    • ⤷ What are the common failure modes for high-voltage sensor modules?