công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • HVS-C0-R

  • AI
    The **HVS-C0-R** is an electronic component primarily classified as a **High-Voltage Reed Relay**. These devices are specifically engineered to provide high insulation resistance and switching capabilities for high-voltage circuits while maintaining the reliability and compact form factor of a reed switch. --- ## Technical Specifications The following table outlines the typical electrical and mechanical characteristics of the HVS-C0-R series: | Parameter | Typical Value | Unit | | :--- | :--- | :--- | | **Contact Form** | Form A (Normally Open) | - | | **Max. Switching Voltage** | 1,000 to 3,000 | VDC | | **Max. Switching Current** | 0.5 to 1.0 | A | | **Max. Contact Rating** | 10 to 50 | W | | **Insulation Resistance** | $10^{10}$ to $10^{12}$ | $\Omega$ | | **Coil Voltage (Nominal)** | 5, 12, or 24 | VDC | --- ## Key Components & Construction ### 1. The Reed Switch The heart of the HVS-C0-R is a hermetically sealed glass envelope containing two ferromagnetic blades (reeds). These are often plated with precious metals like **Rhodium** or **Tungsten** to prevent contact pitting during high-voltage arcing. ### 2. Electromagnetic Coil A copper wire coil is wrapped around the reed switch. When current flows through this coil, it creates a magnetic field that pulls the reeds together, closing the circuit. ### 3. Encapsulation The "C0" and "R" designations often refer to the housing style. These parts are typically **potted with epoxy resin**. This provides: * **Dielectric Strength:** Prevents arcing between the high-voltage pins and the low-voltage coil. * **Environmental Protection:** Guards against moisture and dust. --- ## Typical Applications The HVS-C0-R is commonly found in precision testing and safety equipment: * **Automotive Testing:** Measuring isolation resistance in Electric Vehicle (EV) batteries. * **Medical Equipment:** High-voltage switching in X-ray or defibrillation units. * **ATE (Automatic Test Equipment):** In-circuit testers requiring high isolation between the sensing logic and the high-voltage load. * **Power Supplies:** Controlled discharging of high-voltage capacitors. --- ## Circuit Implementation When designing with the HVS-C0-R, a flyback diode is essential to protect the driving circuitry from inductive spikes. ```cpp // Logic representation of driving a High-Voltage Reed Relay void toggleRelay(bool state) { if (state == HIGH) { digitalWrite(RELAY_COIL_PIN, HIGH); // Closes the HV contact } else { digitalWrite(RELAY_COIL_PIN, LOW); // Opens the HV contact } } ```
    ✨ Follow-up Questions
    • ⤷ What is the dielectric breakdown voltage between the coil and the contacts for the HVS-C0-R?
    • ⤷ How does the switching speed of this reed relay compare to a mechanical contactor?
    • ⤷ What are the specific mounting requirements for high-voltage PCB traces using this relay?