công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • HVS-AB-R

  • AI
    The **HVS-AB-R** is a high-voltage, high-speed electronic module typically used in industrial automation, specifically within the **Toshiba Machine (Shibaura Machine)** robot controller ecosystems (such as the TS3000 or TS3100 series). It functions as a **High-Voltage Signal Conversion/Buffer Board**. Below is a breakdown of the electronic components and technical specifications associated with this part. --- ### 1. Technical Specifications Overview The "HVS" prefix generally stands for **High Voltage Signal**, indicating the board manages interfaces between low-voltage logic (CPU) and high-voltage peripherals (motors/sensors). | Attribute | Description | | :--- | :--- | | **Manufacturer** | Shibaura Machine (formerly Toshiba Machine) | | **Category** | Industrial Robot Controller PCB / I/O Interface | | **Function** | Signal conditioning and voltage isolation | | **Compatibility** | TS series robot controllers | | **Voltage Range** | Typically handles 24V DC logic with high-voltage isolation | --- ### 2. Key Electronic Components While specific internal schematics are proprietary, the HVS-AB-R consists of several standard industrial-grade electronic sections: #### A. Opto-Isolators (Photocouplers) * **Purpose:** To prevent high-voltage spikes from damaging the sensitive CPU. * **Function:** Converts electrical signals to light and back to electricity, ensuring there is no physical metal-to-metal contact between high-power and low-power circuits. #### B. Voltage Regulators & Converters * **Purpose:** To step down input voltages to stable 5V or 3.3V levels for onboard logic. * **Components:** Usually includes electrolytic capacitors for smoothing and Zener diodes for over-voltage protection. #### C. Driver ICs (Transistor Arrays) * **Purpose:** To amplify low-current signals from the controller to drive mechanical relays or larger industrial contactors. * **Function:** Act as high-speed switches for I/O operations. #### D. Connection Interface * **Connectors:** Multi-pin headers (often Hirose or Phoenix Contact style) designed for high-vibration industrial environments. * **Termination:** Precision resistors are used for impedance matching to prevent signal reflection over long cables. --- ### 3. Common Applications The HVS-AB-R board is primarily found in the following roles: 1. **Robot Arm Interface:** Managing the feedback signals from encoders and limit switches. 2. **Safety Circuitry:** Interfacing with E-Stop (Emergency Stop) buttons and safety gates. 3. **Peripheral Control:** Controlling external grippers or conveyors synchronized with robot movement. ### 4. Maintenance and Troubleshooting Because this board handles high-voltage signals, common failure points include: * **Blown Fuses:** Protection against over-current. * **Leaking Capacitors:** Common in older units (5+ years). * **Burned Traces:** Occurs if a short circuit happens in the external wiring or motor. ---
    ✨ Follow-up Questions
    • ⤷ What are the pinout diagrams for the HVS-AB-R connectors?
    • ⤷ How do I troubleshoot a 'Communication Error' related to this board?
    • ⤷ Is the HVS-AB-R compatible with the newer TS5000 controller series?