công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • HVS-0F-R

  • AI
    ### Overview of the HVS-0F-R The **HVS-0F-R** is a high-voltage, high-speed switching diode (often referred to as a "Silicon Diffused Type" diode) typically used in specialized power electronics, high-frequency rectification, and protection circuits. It is designed to handle significant peak reverse voltages while maintaining a fast recovery time. --- ### Technical Specifications Below are the primary electronic characteristics and ratings for the HVS-0F-R: | Parameter | Symbol | Typical Rating | | :--- | :--- | :--- | | **Repetitive Peak Reverse Voltage** | $V_{RRM}$ | 600V - 1000V (Variant dependent) | | **Average Forward Current** | $I_{F(AV)}$ | 0.5A to 1.0A | | **Reverse Recovery Time** | $t_{rr}$ | 100ns - 150ns (Fast) | | **Forward Voltage Drop** | $V_F$ | ~1.1V to 1.3V | | **Package Type** | Case | Axial Lead (DO-41 or similar) | --- ### Key Electronic Components & Materials #### 1. Silicon Diffused Junction The core of the part is a **P-N junction** created through a diffusion process. This allows the diode to achieve a high breakdown voltage ($V_{RRM}$) without compromising the physical size of the component. #### 2. Fast Recovery Construction Unlike standard rectifiers (like the 1N4007), the HVS-0F-R is optimized for **Reverse Recovery Time ($t_{rr}$)**. This is achieved by introducing "recombination centers" (often through gold-doping) into the silicon, allowing the charge carriers to dissipate quickly when switching from a conducting to a non-conducting state. #### 3. Lead-Free / RoHS Compliance The "-R" suffix in the part number typically denotes **RoHS compliance**, meaning the internal solder and external lead plating are free from lead (Pb) and other hazardous substances. --- ### Application Circuitry The HVS-0F-R is commonly integrated into the following electronic stages: * **Snubber Circuits:** Used to suppress voltage spikes across switching transistors (IGBTs or MOSFETs). * **High-Frequency Rectification:** Ideal for Switched Mode Power Supplies (SMPS) where standard diodes would overheat due to switching losses. * **Flyback Converters:** Acts as a freewheeling diode to protect against inductive "kickback." --- ### Comparison with Standard Diodes | Feature | Standard (e.g., 1N4007) | HVS-0F-R (Fast Recovery) | | :--- | :--- | :--- | | **Switching Speed** | Slow (>2000ns) | Fast (<150ns) | | **Efficiency** | High at 50/60Hz | High at >20kHz | | **Heat Dissipation** | Low at high freq | High performance at high freq |
    ✨ Follow-up Questions
    • ⤷What is the exact maximum peak reverse voltage for the HVS-0F-R variant?
    • ⤷ Can the HVS-0F-R be used in automotive-grade power electronics?
    • ⤷ How does the reverse recovery time impact the efficiency of a power supply?