AI

The **HVS-01-R** is a specialized high-voltage electronic component, typically categorized as a **High-Voltage Reed Relay** or a **High-Voltage Power Supply module**, depending on the specific manufacturer (commonly associated with brands like Standex Electronics or specialized industrial power suppliers).
Below is a technical breakdown of its electronic characteristics and construction.
---
## 1. Core Specifications
The "HVS" prefix generally denotes **High Voltage Series**. The "01" usually indicates the channel count or specific iteration, while the "R" often signifies **RoHS compliance** or a **Reed** switch mechanism.
| Feature | Typical Specification | Description |
| :--- | :--- | :--- |
| **Switching Voltage** | Up to 10,000V DC | The maximum voltage the internal contacts can close/open. |
| **Breakdown Voltage** | Up to 15,000V DC | The isolation limit between the coil and the contacts. |
| **Contact Form** | Form A (SPST-NO) | Normally Open configuration is standard. |
| **Coil Voltage** | 5V, 12V, or 24V DC | The low-voltage signal required to trigger the switch. |
| **Mounting Type** | PCB or Lead Wire | Designed for high-clearance circuit boards. |
---
## 2. Key Electronic Components
The device is composed of three primary electronic segments:
### A. The Reed Switch
The heart of the HVS-01-R is a hermetically sealed glass envelope containing ferromagnetic blades.
* **Vacuum Sealed:** To prevent arcing at high voltages, the switch is often filled with pressurized nitrogen or kept in a high vacuum.
* **Tungsten/Rhodium Plating:** Contacts are plated with refractory metals to resist "pitting" caused by high-voltage sparks.
### B. The Electromagnetic Coil
A copper wire winding surrounding the reed switch.
* **Isolation Layer:** A thick dielectric barrier exists between the coil and the switch to ensure the high voltage on the load side does not "jump" to the low-voltage control side (Microcontroller/PLC).
### C. Encapsulation (Potting)
The entire assembly is usually encased in a **Silicone or Epoxy resin**.
* **Purpose:** This prevents "Corona discharge" and surface tracking between pins.
* **Durability:** Provides vibration resistance and environmental protection.
---
## 3. Application Circuit Diagram
In a typical circuit, the HVS-01-R acts as a bridge between a low-power control unit and a high-voltage load.
```mermaid
graph LR
MCU[Microcontroller 5V] --> Transistor[NPN Transistor]
Transistor --> Coil[HVS-01-R Coil]
subgraph High_Voltage_Side
Input[HV Source 10kV] --- Contacts[Reed Switch] --- Load[Target Device]
end
```
---
## 4. Usage Precautions
1. **Flyback Diode:** Always use a diode (e.g., 1N4148) across the coil pins to protect your control electronics from inductive spikes when the relay turns off.
2. **Creepage Distance:** When designing the PCB, maintain a large physical distance between the high-voltage traces to prevent arcing across the board surface.
3. **Hot Switching:** Avoid "Hot Switching" (switching while a high current is flowing) to maximize the lifespan of the internal reed contacts.
- ⤷What is the maximum switching current capacity for the HVS-01-R?
- ⤷ How does the isolation resistance of this part compare to standard mechanical relays?
- ⤷ Are there specific PCB layout guidelines for preventing arcing at 10kV?