công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • HVF-FG-R/Q

  • AI
    Based on the model designation, the **HVF-FG-R/Q** typically refers to specific configurations of high-voltage vacuum circuit breakers or vacuum contactors often used in industrial power distribution systems (commonly associated with brands like Hitachi or similar heavy electrical manufacturers). Below is a breakdown of the electronic and electromechanical components found in these units. --- ### 1. Component Overview The HVF (High-Voltage Vacuum) series relies on a combination of power electronics and mechanical actuators to manage high-current switching safely. | Component Group | Key Parts | Function | | :--- | :--- | :--- | | **Actuation System** | Closing Coil, Shunt Trip Coil | Executes the mechanical "On" and "Off" commands via electromagnetic force. | | **Control Circuit** | Auxiliary Switches (Microswitches) | Provides feedback on the contact position (Open/Closed) to the control room. | | **Sensing Unit** | CTs (Current Transformers) | Monitors line current to detect overcurrent or short-circuit faults. | | **Mechanism** | Charging Motor | Electrically winds the spring mechanism for the next operation cycle. | --- ### 2. Key Electronic Features (R/Q Models) The "R" and "Q" suffixes usually denote specific internal control configurations: #### A. Control Voltage Rectifiers Since many industrial control buses run on AC, but the internal coils (Closing/Tripping) operate more efficiently on DC, these units often contain: * **Bridge Rectifiers:** To convert AC control power to DC. * **Capacitor Banks:** Used in "Capacitor Trip" versions to ensure the breaker can trip even if the primary control power is lost during a fault. #### B. Electronic Protection Relay (Optional Integration) In the "Q" or advanced variants, an integrated solid-state trip unit may be present: * **Microprocessor Control:** Processes signals from the CTs to calculate RMS current. * **Time-Delay Circuits:** Allows for selective coordination (preventing the whole plant from losing power due to a minor local fault). #### C. Auxiliary Contacts (Electronic Interface) These parts allow the high-voltage hardware to talk to low-voltage PLC (Programmable Logic Controller) systems: * **Form A/B Switches:** Physical contacts that change state with the breaker. * **Anti-Pumping Relay:** A critical electronic safety circuit that prevents the breaker from rapidly "chattering" (opening and closing repeatedly) if both a trip and a close signal are present simultaneously. --- ### 3. Technical Specifications (Typical) | Parameter | Description | | :--- | :--- | | **Insulation Type** | Vacuum Interrupter (VI) | | **Control Voltage** | DC 24V, 48V, 110V or AC 110V/220V | | **Operating Mechanism** | Spring Charged (Motorized) | | **Electronic Durability** | Typically rated for 10,000+ operations | --- ### 4. Maintenance of Electronic Parts To ensure the reliability of the HVF-FG-R/Q, focus on these electronic areas: 1. **Insulation Resistance Testing:** Checking the integrity of the control wiring. 2. **Contact Resistance:** Measuring the millivolt drop across the vacuum interrupter. 3. **Coil Resistance:** Ensuring the closing and tripping coils are within the manufacturer's Ohm range to prevent failure during a fault.
    ✨ Follow-up Questions
    • ⤷ What are the specific differences between the R and Q suffixes in this model?
    • ⤷ How do I troubleshoot a failure in the charging motor circuit?
    • ⤷ What is the recommended testing interval for the auxiliary electronic contacts?