HVF-D4W-R
AI

The **HVF-D4W-R** is a high-performance, high-voltage film capacitor specifically engineered for industrial and power electronics applications. It is part of a specialized series often used in induction heating, medical imaging (X-ray), and resonant power supplies.
---
### ## 1. Technical Specifications
The electrical characteristics of the HVF-D4W-R define its role in power management and energy storage.
| Parameter | Specification |
| :--- | :--- |
| **Capacitance** | Typical range 0.1µF to 2.0µF (Specific to sub-model) |
| **Voltage Rating** | High Voltage (often 4000V DC or higher) |
| **Dielectric Material** | Polypropylene Film (Metallized) |
| **Tolerance** | ±5% or ±10% |
| **Operating Temperature** | -40°C to +85°C |
| **Termination Style** | Screw Terminals / Lug Mount |
---
### ## 2. Core Electronic Components & Construction
The internal design of this part focuses on handling high dV/dt (rate of voltage change) and high peak currents.
* **Metallized Polypropylene Dielectric:** Uses a thin layer of metal vacuum-deposited onto a plastic film. This provides **self-healing** properties—if a dielectric breakdown occurs, the metal layer vaporizes around the point, clearing the fault without short-circuiting.
* **Non-Inductive Winding:** The internal foils are wound in a way that minimizes parasitic inductance, which is critical for high-frequency switching applications.
* **Flame Retardant Housing:** Typically encased in a plastic box or epoxy resin that meets **UL 94V-0** flammability standards.
* **Low ESR (Equivalent Series Resistance):** Designed to minimize internal heat generation during high-current cycles.
---
### ## 3. Key Functions in a Circuit
The HVF-D4W-R is rarely used in simple consumer electronics; it is built for heavy-duty power conversion:
1. **Resonant Capacitance:** Used in LLC or LCC resonant converters to provide zero-voltage switching (ZVS).
2. **Snubber Circuitry:** Absorbs high-voltage spikes caused by the rapid switching of IGBTs or MOSFETs.
3. **DC Filtering:** Smoothes out voltage ripples in high-voltage DC buses.
4. **Pulse Discharge:** Capable of releasing high amounts of energy in a very short duration.
---
### ## 4. Application Examples
* **Induction Heating:** To handle the high reactive power in the resonant tank.
* **EV Charging Stations:** In the high-voltage DC-DC stage.
* **Laser Power Supplies:** For pulse shaping and energy storage.
* **Solar Inverters:** Managing high-voltage DC links from photovoltaic strings.
---
- ⤷What is the specific dV/dt rating for the HVF-D4W-R?
- ⤷ How does 'self-healing' work in metallized film capacitors?
- ⤷ What are the common failure modes for high-voltage film capacitors?