công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • HVF-C6-R

  • AI
    The **HVF-C6-R** is a specific electronic component typically categorized as a high-performance **High-Voltage Fuse** or a specialized **High-Voltage Resistor/Connector** element, depending on the manufacturer (most commonly associated with industrial circuit protection and power electronics). Below is a detailed breakdown of its technical aspects. --- ### 1. Technical Specifications Overview The "C6" designation usually refers to the physical size or the specific dielectric classification, while the "R" suffix often indicates "RoHS Compliant" or a specific "Resistance" value. | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | High Voltage / High Frequency Component | | **Voltage Rating** | High Voltage (Specifics vary by brand, often >1kV) | | **Mounting Type** | Through-hole or Chassis Mount | | **Compliance** | RoHS (R-suffix) | | **Application** | Power supplies, X-ray equipment, High-voltage dividers | --- ### 2. Key Electronic Characteristics To understand the electronic nature of the HVF series, we must look at the materials and construction: * **Dielectric Strength:** These parts are engineered with high-purity ceramic or epoxy coatings to prevent "arcing" or "flashover" between terminals in high-tension environments. * **Stability:** Designed to maintain low inductance and low capacitance, which is critical for high-frequency (HF) switching circuits. * **Precision:** If used as a resistor/divider, it offers a high precision tolerance (often 1% or lower) to ensure accurate voltage sensing in power grids or medical imaging. --- ### 3. Common Applications The HVF-C6-R is typically integrated into the following subsystems: 1. **Inverters and Converters:** Used as a protective or sensing element in DC-AC or DC-DC power conversion. 2. **Electrostatic Systems:** Found in air purification systems or industrial painting equipment where high voltage is required. 3. **Medical Imaging:** Used in the high-voltage generators of X-ray or CT scan machines. 4. **Capacitor Discharge:** Acting as a bleeder resistor to safely discharge high-voltage capacitors after power is removed. --- ### 4. Circuit Symbol and Integration In a schematic, this part is represented based on its primary function: ```mermaid graph LR A[Input HV] --> B(HVF-C6-R Component) B --> C[Protected Circuit/Ground] ``` * **As a Fuse:** It acts as a sacrificial link that breaks the circuit during an overcurrent event. * **As a Resistor:** It limits current or scales voltage for measurement. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact maximum voltage rating for the HVF-C6-R?
    • ⤷ Which manufacturer produces the HVF-C6-R series?
    • ⤷ How does the 'C6' package size compare to standard SMD sizes?