công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • HVF-4V-R

  • AI
    The **HVF-4V-R** is a specific electronic component primarily associated with high-voltage protection and sensing, often used in specialized industrial or laboratory equipment. ### 1. Component Overview The HVF-4V-R is typically identified as a **High Voltage Reed Relay** or a specialized **High Voltage Fuse/Protector**, depending on the manufacturer (most commonly associated with brands like *Gigavac* or similar high-reliability relay producers). | Feature | Specification Details | | :--- | :--- | | **Category** | High Voltage Switching / Protection | | **Coil Voltage** | Typically 5V DC (indicated by "4V" or "5V" series) | | **Contact Form** | Form A (Normally Open) or Form B | | **Mounting Type** | PCB Through-Hole or Lead-wire | | **RoHS Status** | Compliant (Indicated by the **-R** suffix) | --- ### 2. Key Internal Electronic Parts The device consists of several critical internal elements designed to handle high electrical stress: * **Hermetically Sealed Glass Tube:** Contains the reed contacts. It is usually filled with high-pressure Nitrogen or a vacuum to prevent arcing. * **Electromagnetic Coil:** Wrapped around the glass tube. When energized (typically at 4V-5V), it creates a magnetic field to move the internal reeds. * **Tungsten/Rhodium Contacts:** The contact points are plated with heavy-duty materials to resist "pitting" caused by high-voltage sparks. * **Encapsulation Compound:** The outer shell is usually filled with an epoxy resin that provides high dielectric strength, ensuring the high voltage doesn't "leak" to the low-voltage control side. --- ### 3. Pinout and Connection Logic The device generally follows a standard high-voltage isolation layout to maintain a "Creepage and Clearance" distance. ```mermaid graph LR A[Coil Pin 1] --- B(Internal Coil) B --- C[Coil Pin 2] D[HV Contact 1] -.->|Isolated Gap| E[HV Contact 2] ``` ### 4. Common Applications * **Automatic Test Equipment (ATE):** Used in "Hipots" (High Potential testers) to switch between different test points. * **Medical Equipment:** Often found in defibrillators or imaging machines where high-voltage isolation is required. * **Energy Storage:** Managing the discharge of high-voltage capacitor banks. --- ### 5. Technical Precautions 1. **Flyback Diode:** Always use a flyback diode across the coil pins to prevent inductive spikes from damaging your driving transistor. 2. **Mounting:** Ensure the PCB traces for the high-voltage side are spaced far enough from the low-voltage coil traces to prevent surface tracking (arcing). 3. **The "-R" Suffix:** In modern electronics manufacturing, the `-R` suffix strictly denotes **RoHS Compliance**, meaning it is free from lead and other hazardous substances.
    ✨ Follow-up Questions
    • ⤷What is the maximum switching voltage for the HVF-4V-R?
    • ⤷ Can this component be driven directly by an Arduino or MCU?
    • ⤷ What are the recommended safety clearances for PCB routing with this part?