HVF-36-R
AI

The **HVF-36-R** is a specialized high-voltage fuse designed primarily for the protection of power transformers and distribution systems. Manufactured by brands like **Eaton (Bussmann)**, it belongs to the R-Rated fuse category, which is specifically engineered for motor circuit protection or transformer backup.
---
### ## Technical Specifications
The following table outlines the key electronic and physical characteristics of the HVF-36-R:
| Parameter | Specification |
| :--- | :--- |
| **Type** | High-Voltage Fuse (Current Limiting) |
| **Rated Voltage** | 3.6 kV (3600 Volts) |
| **Amperage Rating** | Typically 36A to 40A (varies by specific sub-series) |
| **Interrupting Rating** | 50 kA (Symmetrical) |
| **Class** | R-Rated (Backup protection) |
| **Standard** | DIN 43625 / IEC 60282-1 |
| **Body Material** | Ceramic/Fiberglass with Silver elements |
---
### ### Core Electronic Components
The HVF-36-R is not a simple "wire in a tube." Its construction involves several critical electronic materials:
1. **Fusible Element:** Made of pure silver. Silver is used due to its low resistivity and predictable melting characteristics, which ensures high precision during an overcurrent event.
2. **Arc Quenching Medium:** The interior is filled with high-purity silica sand. When the fuse blows, the sand turns into an insulating glass (fulgurite) to extinguish the electrical arc rapidly.
3. **Striker Pin (Optional Feature):** Many HVF models include a mechanical "striker" activated by a small pyrotechnic charge or spring when the element melts. This is used to trigger a microswitch or trip a circuit breaker.
---
### ### Key Features & Applications
* **Current Limiting:** It is designed to clear a fault before the current reaches its first peak, significantly reducing electromagnetic stress on downstream components.
* **Low Watt Loss:** The silver element design minimizes heat dissipation during normal operation, improving the efficiency of the switchgear.
* **Applications:**
* Protection of Medium Voltage (MV) Motors.
* Step-down transformers in industrial plants.
* Feeder circuits in electrical distribution grids.
---
### ### Operational Behavior
The "R-Rated" designation indicates that this fuse is **not** designed for overload protection (low-level overcurrent). Instead, it is used for **Short-Circuit Protection**. It must be paired with an overload relay or a contactor that handles currents below its minimum breaking capacity.
- ⤷
What is the difference between an R-Rated fuse and an E-Rated fuse?
- ⤷ How does the silica sand quench the arc in high-voltage fuses?
- ⤷ What are the installation requirements for the HVF-36-R in a DIN-style holder?