công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • HVF-06-R/Q

  • AI
    The **HVF-06-R/Q** typically refers to a high-voltage fuse or specialized electronic component used in power distribution, industrial microwave systems, or circuit protection. Below is a detailed breakdown of its electronic characteristics and structure. --- ## 1. Component Identification The HVF-06 series is generally categorized as a **High-Voltage Fast-Acting Fuse**. These are designed to protect sensitive electronic circuits from overcurrent conditions, specifically in environments where voltage spikes are common. | Feature | Specification | | :--- | :--- | | **Component Type** | High-Voltage Fuse / Protection Device | | **Voltage Rating** | Typically 0.6kV (600V) to 5kV+ (Depending on specific variant) | | **Response Type** | Fast-acting (F) or Time-delay (T) | | **Mounting Type** | Through-hole (R-type) or Clip-in (Q-type) | --- ## 2. Key Electronic Characteristics ### A. Interrupting Capacity The "HVF" (High Voltage Fuse) designation implies a high breaking capacity. This ensures that the device can safely extinguish the electrical arc formed when the fuse blows, preventing physical damage to the surrounding PCB. ### B. Thermal Management The body is usually constructed from **high-grade ceramic** or **silicon-coated glass**. This allows the component to withstand high temperatures during sustained operation without losing its structural integrity or electrical insulation properties. ### C. Termination (R vs. Q Variants) * **HVF-06-R:** Usually indicates **Radial** or leaded termination. These are soldered directly into a Printed Circuit Board (PCB). * **HVF-06-Q:** Often indicates a **Quick-connect** or clip-style terminal, allowing for easy replacement in industrial panels without soldering. --- ## 3. Applications These parts are most commonly found in: 1. **Industrial Microwaves:** Protecting the magnetron and high-voltage transformer. 2. **Power Supplies (SMPS):** Acting as the primary fuse for high-wattage converters. 3. **Inverters:** Used in solar power or motor drive systems to prevent catastrophic failure of IGBT modules. --- ## 4. Typical Internal Structure ```mermaid graph LR A[End Cap / Lead] --- B[Ceramic Body] B --- C[Internal Fuse Element] C --- D[Arc-Extinguishing Sand/Filler] D --- E[Opposite End Cap] ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the exact current rating for the HVF-06 variant you are using?
    • ⤷ Are you looking for a replacement cross-reference for this part?
    • ⤷ Is this component being used in a microwave oven or a different industrial application?