HVF-02-R
AI

The **HVF-02-R** is an electronic component primarily classified as a **High-Frequency (HF) Reed Relay**. It is designed for switching signals in high-speed digital circuits, telecommunications, and automated test equipment (ATE).
Below is a detailed breakdown of its electronic characteristics and structure.
---
## 1. Core Specifications
The HVF-02-R is engineered for low signal distortion and high reliability.
| Parameter | Typical Value / Range |
| :--- | :--- |
| **Contact Form** | 1 Form A (Single Pole, Single Throw - NO) |
| **Coil Voltage** | Typically 5V or 12V DC (Model dependent) |
| **Switching Voltage** | Max 100V - 200V DC |
| **Switching Current** | 0.5A (Typical) |
| **Frequency Range** | Up to 1 GHz - 2 GHz |
| **Package Type** | Surface Mount (SMD) or SIP (Single In-line) |
---
## 2. Electronic Construction
The device consists of three main electronic sub-components:
### A. The Reed Switch
* **Material:** Two ferromagnetic blades (reeds) hermetically sealed in a glass tube.
* **Plating:** Usually plated with Rhodium or Ruthenium to ensure low contact resistance and long life cycle (millions of operations).
* **Atmosphere:** The tube is filled with an inert gas (Nitrogen) to prevent oxidation.
### B. The Electromagnetic Coil
* When a DC current passes through the copper wire coil, it creates a magnetic field.
* This field magnetizes the reeds, causing them to attract each other and close the circuit.
### C. Internal Shielding
* **Electrostatic Shield:** Often includes a shield between the coil and the reed to minimize capacitive coupling.
* **Magnetic Shield:** The "R" in the suffix often denotes a design that reduces magnetic interference with adjacent relays on a PCB.
---
## 3. Key Electronic Advantages
* **High Insulation Resistance:** Offers extremely high isolation (typically $>10^{10} \Omega$) when the contacts are open.
* **Low Capacitance:** The physical gap between contacts is small, resulting in low picofarad (pF) capacitance, which is critical for high-frequency signal integrity.
* **Fast Switching Speed:** Typical operate times are under 0.5ms, significantly faster than traditional electromechanical relays.
---
## 4. Application Context
The HVF-02-R is commonly integrated into the following circuits:
1. **RF Signal Routing:** Switching between antennas or filters in radio equipment.
2. **High-Speed Oscilloscopes:** Used in the input attenuator stages.
3. **Semiconductor Testers:** Providing clean signal paths for testing microchips.
- ⤷
What are the specific pinout configurations for the HVF-02-R?
- ⤷ How does the HVF-02-R compare to a solid-state relay in high-frequency applications?
- ⤷ What is the maximum power rating (Watts) for the contacts on this relay?