công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • HTY-50V101MH10-R2

  • AI
    The **HTY-50V101MH10-R2** is a surface-mount (SMD) aluminum electrolytic capacitor. This specific part number follows the naming convention typical of manufacturers like **Nippon Chemi-Con** (or similar high-quality Japanese brands), often belonging to the **HTY series**, which is designed for high-temperature and high-reliability automotive or industrial applications. --- ## 1. Technical Specifications | Parameter | Value | Description | | :--- | :--- | :--- | | **Capacitance** | 100 µF | Energy storage capacity (Code: 101) | | **Voltage Rating** | 50 V DC | Maximum working voltage (Code: 50V) | | **Series** | HTY | High temperature, low impedance series | | **Tolerance** | ±20% (M) | Standard industry tolerance | | **Case Size (D×L)** | 8.0 x 10.0 mm | Case code "H10" (8mm diameter, 10mm height) | | **Mounting Type** | SMD / V-Chip | Surface mount technology | | **Operating Temp** | -55°C to +125°C | Designed for extreme environments | --- ## 2. Key Features and Construction ### A. Electrolytic Nature As an aluminum electrolytic capacitor, it uses an electrolyte liquid to achieve high capacitance in a small volume. It is **polarized**, meaning it must be installed with the correct positive (+) and negative (-) orientation. ### B. "V-Chip" Design The "V" in the series often refers to the vertical chip construction. The capacitor sits on a plastic base (seat) that allows it to be reflow-soldered onto a PCB. ### C. Temperature & Longevity The HTY series is characterized by its **125°C rating**. Most standard capacitors are rated at 85°C or 105°C. This makes this specific part ideal for: - Under-the-hood automotive electronics. - Power supply primary stages. - Industrial LED drivers. --- ## 3. Typical Applications * **DC-DC Converters:** Filtering input and output noise. * **Automotive ECU:** Handling voltage fluctuations in engine control units. * **Smoothing:** Reducing ripple current in 24V or 48V systems. --- ## 4. Marking Breakdown If you look at the top of the physical component, you will usually see: * **101**: The capacitance (100µF). * **50V**: The voltage rating. * **Lot Code**: For manufacturing traceability. * **Black Bar**: Indicates the **Negative** terminal.
    ✨ Follow-up Questions
    • ⤷ What are the soldering precautions for this SMD capacitor?
    • ⤷ How does the ESR of this capacitor compare to polymer versions?
    • ⤷ What is the expected lifetime (in hours) at its maximum rated temperature?