HTY-35V271MH10Q-R2
AI

The **HTY-35V271MH10Q-R2** is a surface-mount (SMD) Aluminum Electrolytic Capacitor. It is designed for general-purpose electronics, offering a balance between size and high capacitance.
Below is a detailed breakdown of its specifications and technical characteristics.
---
### 1. Technical Specifications
| Parameter | Value / Description |
| :--- | :--- |
| **Capacitance** | 270 µF |
| **Voltage (Rated)** | 35V DC |
| **Tolerance** | ±20% (M) |
| **Series** | HTY (High temperature / Standard profile) |
| **Mounting Type** | Surface Mount Device (SMD/V-Chip) |
| **Case Size (Diameter × L)** | Approximately 8mm x 10mm (Size Code: H10) |
| **Temperature Range** | -55°C to +105°C |
| **Life Cycle** | ~2000 hours at 105°C |
---
### 2. Part Number Breakdown
While naming conventions vary slightly by manufacturer, the code generally follows this logic:
* **HTY**: Series name (typically high temperature, standard impedance).
* **35V**: Rated voltage (35 Volts).
* **271**: Capacitance code. The first two digits are the value, the third is the multiplier (27 x 10¹ = 270µF).
* **M**: Tolerance (±20%).
* **H10**: Physical dimensions (8.0mm diameter x 10.0mm height).
* **Q-R2**: Packaging and taping information (e.g., Reel size or RoHS compliance markers).
---
### 3. Key Electronic Functions
This component serves three primary roles in a circuit:
1. **Filtering:** Used in DC-DC converters to smooth out voltage ripples from power supplies.
2. **Energy Storage:** Provides a temporary reservoir of energy to handle sudden spikes in current demand.
3. **Bypass/Decoupling:** Diverts high-frequency noise to the ground, protecting sensitive ICs (Integrated Circuits).
### 4. Application Areas
* **Automotive Electronics:** Infotainment systems or climate control modules.
* **Industrial Power Supplies:** Small switching power units.
* **Consumer Electronics:** LED lighting drivers, televisions, and audio equipment.
* **Telecommunications:** Base station peripheral hardware.
---
- ⤷What are the equivalent alternatives for the HTY series in terms of ESR?
- ⤷ How does temperature affect the lifespan of this specific capacitor?
- ⤷ What is the recommended soldering profile for this SMD component?