HTY-25V331MH10N-R2
AI

The **HTY-25V331MH10N-R2** is a surface-mount (SMD) Aluminum Electrolytic Capacitor. This specific part is commonly used in power management circuits due to its balance of capacitance and voltage rating.
---
### 1. Technical Specifications
Below are the primary technical parameters for this component:
| Feature | Specification |
| :--- | :--- |
| **Capacitance** | 330 µF (Microfarads) |
| **Voltage Rating** | 25V DC |
| **Tolerance** | ±20% |
| **Temperature Range** | -55°C to +105°C |
| **Endurance** | 2,000 to 5,000 hours (Load life at 105°C) |
| **Mounting Type** | Surface Mount (SMD/V-Chip) |
| **Case Size** | Approx. 8mm x 10mm (Diameter x Length) |
---
### 2. Component Breakdown
The part number can be decoded to understand its construction:
* **HTY:** Represents the series name. This series is typically designed for high reliability and low impedance.
* **25V:** The maximum working voltage. Operating above this may cause dielectric breakdown.
* **331:** The capacitance code. The first two digits (33) are the base value, and the third (1) is the multiplier ($10^1$), resulting in 330µF.
* **MH10:** Refers to the physical dimensions of the "can" (Case size code).
* **R2:** Usually denotes the packaging format (e.g., Tape and Reel for automated pick-and-place machines).
---
### 3. Key Characteristics and Applications
* **Polarity:** As an electrolytic capacitor, this is a **polarized** component. It must be installed correctly (Positive/Negative) to avoid failure or explosion.
* **Low ESR:** These are often designed with low Equivalent Series Resistance, making them efficient at filtering high-frequency noise.
* **Typical Uses:**
* **DC-DC Converters:** Smoothing output voltage.
* **Power Supplies:** Filtering ripple current in consumer electronics.
* **Automotive/Industrial:** Used in modules requiring stability under temperature fluctuations.
---
### 4. Footprint/PCB Layout (Example)
When designing a PCB for this part, the landing pattern usually follows standard SMD electrolytic footprints:
```markdown
[ + ] Square Pad (Anode)
[ - ] Beveled/Round Pad (Cathode - usually marked with a black stripe on the component)
```
- ⤷
What are the equivalent replacement parts for the HTY series?
- ⤷ How does ripple current affect the lifespan of this 330uF capacitor?
- ⤷ What is the specific footprint name for the MH10 case size?