AI

The **HTX-63V560MH10-R2** is a high-performance surface-mount (SMD) aluminum electrolytic capacitor. It belongs to the **HTX series**, which is specifically designed for high-temperature reliability and low ESR (Equivalent Series Resistance).
---
### 1. Technical Specifications
| Parameter | Value |
| :--- | :--- |
| **Capacitance** | 56 µF |
| **Voltage Rating** | 63 VDC |
| **Tolerance** | ±20% (at 120Hz, 20°C) |
| **Operating Temperature** | -55°C to +125°C |
| **Endurance/Life** | 2,000 to 5,000 hours (at 125°C) |
| **Package / Case** | SMD (V-Chip) - Size Code H10 (8.0 x 10.0 mm) |
| **ESR Type** | Low ESR / High Ripple Current |
---
### 2. Part Number Breakdown
Understanding the nomenclature helps identify the physical and electrical characteristics:
* **HTX**: Series name (High temperature, low ESR, long life).
* **63V**: Rated voltage (63 Volts DC).
* **560**: Capacitance code. The first two digits are significant figures, the third is the multiplier ($56 \times 10^0 = 56 \mu F$).
* **MH10**: Case size identifier (Diameter 8mm x Height 10mm).
* **R2**: Packaging/Tape and Reel specification.
---
### 3. Key Features & Applications
#### Features
* **Hybrid Electrolytic Technology:** These parts often utilize a conductive polymer and liquid electrolyte hybrid, allowing for extremely low ESR and high stability across temperature fluctuations.
* **Vibration Resistance:** The SMD "V-Chip" design is often available in vibration-proof variants for automotive use.
* **AEC-Q200 Qualified:** Generally compliant with automotive stress test standards.
#### Common Applications
1. **Automotive Electronics:** Power steering units, engine control units (ECUs), and LED lighting drivers.
2. **Industrial Power Supplies:** DC/DC converters and smoothing circuits in harsh environments.
3. **Telecommunications:** Base station power modules where ambient temperatures are high.
---
### 4. Footprint Information (H10 Case)
To include this in a PCB design, use the following standard dimensions for the H10 size:
```markdown
Dimensions:
- D (Diameter): 8.0 mm
- L (Length/Height): 10.0 mm
- W (Width): 8.3 mm
- H (Total Height): 8.3 mm
- C (Land spacing): 2.9 mm
```
- ⤷
What is the difference between a standard electrolytic and a hybrid electrolytic capacitor like the HTX series?
- ⤷ Can this capacitor be used in lead-free reflow soldering processes?
- ⤷ What are the recommended landing pattern dimensions for an H10 size SMD capacitor?