HTX-63V220MF80N-R2
AI

The part number **HTX-63V220MF80N-R2** refers to a high-performance **Aluminum Electrolytic Capacitor**. Based on standard industry nomenclature (common for brands like Lelon or Samyoung), here is the detailed breakdown of its electronic characteristics.
---
### 1. Technical Specifications
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Capacitance** | 22 uF | The charge storage capacity (220 refers to $22 \times 10^0$). |
| **Voltage Rating** | 63V | Maximum DC working voltage. |
| **Series** | HTX | Usually denotes High Temperature / Low ESR / Long Life. |
| **Tolerance** | ±20% (M) | Standard industry capacitance tolerance. |
| **Case Size** | $6.3 \times 8.0$ mm | Diameter (6.3mm) and Height (8.0mm). |
| **Mounting Type** | SMD (V-Chip) | Surface Mount Device for automated PCB assembly. |
---
### 2. Breakdown of Part Number Nomenclature
The part number can be decoded into specific segments:
* **HTX**: The series code. These are typically designed for high reliability and are often rated for **125°C** or higher, making them suitable for automotive or industrial power supplies.
* **63V**: The rated voltage (63 Volts).
* **220**: The capacitance value. In capacitor coding, "220" indicates 22 microfarads ($\mu F$).
* **M**: Tolerance code ($M = \pm 20\%$).
* **F80**: Size code. Typically corresponds to the physical dimensions ($6.3 \text{mm} \times 8.0 \text{mm}$).
* **N-R2**: Packaging and Lead-free compliance code (Tape & Reel).
---
### 3. Key Electronic Functions
1. **Filtering**: Used in DC-DC converters to smooth out voltage ripples.
2. **Decoupling**: Provides a local energy reservoir to prevent voltage drops during high-speed switching.
3. **High Temperature Resilience**: Because it belongs to the HTX series, it is designed to maintain its electrolyte integrity even in harsh thermal environments (up to 125°C - 150°C).
4. **Low ESR**: Designed with low Equivalent Series Resistance to minimize heat generation during operation.
---
### 4. Typical Applications
* **Automotive Electronics**: Engine Control Units (ECUs) and infotainment systems.
* **Industrial Power Supplies**: LED drivers and switching regulators.
* **Telecommunications**: Base station power modules.
---
- ⤷
What is the exact ripple current rating for the HTX series at 125\u00b0C?
- ⤷ How does the ESR of this capacitor compare to standard 85\u00b0C rated capacitors?
- ⤷ What are the recommended soldering profile requirements for this SMD component?