HTX-50V151MHC5XQ-R2
AI

The part number **HTX-50V151MHC5XQ-R2** refers to a high-performance **Aluminum Electrolytic Capacitor**. These components are specifically designed for high-reliability applications, often featuring low impedance and high temperature resistance.
Below is a detailed breakdown of the electronic specifications and characteristics.
### 1. Technical Specifications Breakdown
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Series** | HTX | High temperature, low ESR series. |
| **Capacitance** | 150 µF | The amount of charge the capacitor can store. |
| **Voltage Rating** | 50V | The maximum continuous DC voltage allowed. |
| **Tolerance** | ±20% (M) | The allowable variance from the nominal capacitance. |
| **Temperature Range** | -55°C to +125°C | Typical range for high-spec automotive/industrial parts. |
| **Mounting Type** | SMD (V-Chip) | Surface-mount design for automated PCB assembly. |
| **Case Size (DxL)** | 8 x 10.5 mm (HC5) | Physical dimensions (Diameter x Length). |
---
### 2. Part Number Decoder
Analyzing the alphanumeric string provides insight into the manufacturer's logic:
* **HTX**: Indicates the specific product series (usually focused on long life and high heat).
* **50V**: Rated Voltage (50 Volts).
* **151**: Capacitance code ($15 \times 10^1 = 150 \mu F$).
* **M**: Tolerance code (Standard $\pm 20\%$).
* **HC5**: Case size code (often specific to 8mm diameter).
* **XQ**: Internal manufacturing or material code (e.g., electrolyte type).
* **R2**: Packaging code (likely Tape & Reel for automated assembly).
---
### 3. Key Electronic Features
* **Low ESR (Equivalent Series Resistance):** This capacitor is designed to minimize energy loss as heat, making it efficient for high-frequency switching power supplies.
* **High Ripple Current:** It can handle significant AC current superimposed on the DC signal without overheating.
* **Automotive Grade (AEC-Q200):** Most parts in this series are qualified for automotive use, meaning they resist vibration and thermal shock better than standard consumer capacitors.
### 4. Typical Applications
1. **DC-DC Converters:** Filtering input/output noise in power modules.
2. **Automotive Electronics:** Used in Engine Control Units (ECUs) or ADAS systems due to the 125°C rating.
3. **Industrial Power Supplies:** Smoothing voltage in rugged environments.
---
- ⤷
What are the direct equivalents for this capacitor from other brands like Nichicon or Panasonic?
- ⤷ How does the 'HTX' series lifespan compare to standard electrolytic capacitors at maximum temperature?
- ⤷ What is the specific ripple current rating for the 150uF/50V variant?