HTX-35V391MHC5-R2
AI

The **HTX-35V391MHC5-R2** is a high-performance surface-mount (SMD) aluminum electrolytic capacitor. It belongs to the **HTX series**, which is specifically designed for high-temperature environments and low Impedance (ESR) applications.
---
### ## Technical Specifications
| Parameter | Specification | Details |
| :--- | :--- | :--- |
| **Capacitance** | 390 µF | Rated storage capacity (±20% tolerance) |
| **Voltage (DC)** | 35 V | Maximum working voltage |
| **Series** | HTX | High temperature, Low ESR series |
| **Case Size** | 8 x 10.5 mm | Diameter x Height (C5 size code) |
| **Temperature Range** | -55°C to +125°C | Extreme operating environment capability |
| **Endurance** | 2000 - 5000 hours | Rated life at maximum temperature |
| **Mounting Type** | SMD (V-Chip) | Surface mount technology |
---
### ### Key Features and Construction
1. **High Temperature Resilience:** Unlike standard capacitors (rated at 85°C or 105°C), the HTX series is rated for **125°C**. This makes it ideal for automotive and industrial power supplies.
2. **Low ESR (Equivalent Series Resistance):** This part is designed to have very low internal resistance, which reduces heat generation during high ripple current conditions and improves efficiency.
3. **V-Chip Design:** The "MHC5" code indicates a specific SMD package with a vibration-resistant base, making it suitable for high-vibration environments.
4. **RoHS Compliant:** The "-R2" suffix typically denotes compliance with environmental regulations regarding lead and hazardous substances.
---
### ### Typical Applications
Due to its specifications, this capacitor is commonly found in:
* **Automotive Electronics:** Engine control units (ECUs), LED lighting drivers, and ADAS systems.
* **Industrial Power Supplies:** DC-DC converters and switching regulators.
* **Telecommunications:** Base stations and networking hardware requiring long-term reliability.
---
- ⤷
What is the significance of the 125°C temperature rating compared to standard 105°C capacitors?
- ⤷ How does 'Low ESR' impact the performance of a power supply circuit?
- ⤷ What are the footprint dimensions for the MHC5 case code in PCB design?