AI

The **HTX-25V561MHC5X-R2** is a high-performance surface-mount (SMD) aluminum electrolytic capacitor, specifically designed for high-temperature and high-reliability environments. It belongs to the **HTX series**, which is known for its low ESR (Equivalent Series Resistance) and long life.
---
### 1. Part Number Breakdown
Based on standard industry naming conventions for this series, here is the functional breakdown of the part number:
| Segment | Meaning | Specification |
| :--- | :--- | :--- |
| **HTX** | Series Name | High temperature, low ESR, long life |
| **25V** | Voltage Rating | 25 Volts DC |
| **561** | Capacitance | 560 µF (56 x 10^1) |
| **M** | Tolerance | ±20% |
| **HC5** | Case Size | Specific diameter and height (e.g., 10x10.5mm) |
| **X-R2** | Packaging/Special | Tape and Reel / RoHS compliant |
---
### 2. Technical Specifications
The HTX series is a "Hybrid" or advanced electrolytic type often used in automotive or industrial power supplies.
* **Capacitance:** 560 microfarads (µF).
* **Voltage:** 25V DC (Maximum surge voltage is typically 1.15x the rated voltage).
* **Temperature Range:** -55°C to +125°C (designed for extreme environments).
* **Endurance:** Often rated for 2,000 to 5,000 hours at 125°C (lifespan increases significantly as operating temperature drops).
* **ESR:** Low ESR, which minimizes heat generation during high ripple current conditions.
---
### 3. Key Applications
Because of its durability and compact SMD form factor, this part is commonly found in:
1. **Automotive Electronics:** Engine Control Units (ECUs), ADAS sensors, and infotainment systems where vibration and heat are constant.
2. **DC/DC Converters:** Used for smoothing and filtering in high-frequency power supplies.
3. **Industrial Automation:** Power boards for robotics and PLC systems.
4. **LED Drivers:** Where heat management is critical for the longevity of the circuit.
---
### 4. Comparison Table: Hybrid vs. Standard Electrolytic
| Feature | Standard Electrolytic | HTX (Hybrid Type) |
| :--- | :--- | :--- |
| **Lifespan** | Moderate | Very High |
| **ESR Stability** | Fluctuates with temp | Highly stable |
| **Size** | Larger | Compact (High energy density) |
| **Cost** | Low | Premium |
---
- ⤷
What is the exact physical footprint (dimensions) for the HC5 case size?
- ⤷ How does the ripple current rating for this capacitor compare to standard 25V 560uF caps?
- ⤷ Are there specific soldering profile recommendations for this SMD part?