HTX-25V561MHC5-R2
AI

The **HTX-25V561MHC5-R2** is a high-performance **Surface Mount (SMD) Aluminum Electrolytic Capacitor**. It belongs to the **HTX Series**, which is characterized by its high temperature resistance and hybrid-style longevity.
Below is a detailed breakdown of its electronic specifications and characteristics.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Capacitance** | 560 µF |
| **Voltage (Rated)** | 25 V DC |
| **Tolerance** | ±20% |
| **Operating Temperature** | -55°C to +125°C |
| **Endurance / Life** | 2,000 to 5,000 hours @ 125°C |
| **ESR (Equivalent Series Resistance)** | Low ESR (Typically < 30 mΩ) |
| **Package Type** | SMD (V-Chip) |
| **Case Size** | 10.0mm x 10.5mm (approx) |
---
### 2. Breakdown of the Part Number
The alphanumeric code follows a specific naming convention:
* **HTX**: The Series name (High temperature, low ESR).
* **25V**: The Maximum rated working voltage (25 Volts).
* **561**: Capacitance code (56 followed by 1 zero = 560µF).
* **M**: Tolerance code (±20%).
* **HC5**: Size/Dimensions code (refers to the diameter and height of the canister).
* **R2**: Packaging code (usually refers to Tape & Reel for automated assembly).
---
### 3. Core Features and Applications
#### Features
* **High Reliability:** Designed for mission-critical electronics that operate in harsh environments.
* **Low ESR:** Minimizes heat generation and allows for higher ripple current handling, which is vital for power efficiency.
* **Reflow Soldering Compatible:** Built to withstand the high temperatures of lead-free SMD soldering processes.
#### Common Applications
1. **Automotive Systems:** Used in Engine Control Units (ECUs), ADAS sensors, and lighting systems where engine bay heat is a factor.
2. **Industrial Power Supplies:** Filtering and decoupling in high-density DC-DC converters.
3. **Telecommunications:** Base stations and networking hardware requiring long-term stability.
---
### 4. Comparison: Standard vs. HTX Series
Compared to standard electrolytic capacitors, the HTX series offers superior performance:
```markdown
Standard Electrolytic vs. HTX Hybrid/High-Temp
- Max Temp: Standard (85°C/105°C) | HTX (125°C)
- ESR: Standard (High) | HTX (Ultra-Low)
- Size: Standard (Bulkier) | HTX (Compact SMD)
```
- ⤷
What is the maximum ripple current rating for this specific capacitor?
- ⤷ Can you provide the recommended soldering land pattern for the HC5 case size?
- ⤷ Are there any equivalent alternatives from brands like Nichicon or Panasonic?