HTX-16V151MF80Q-R2
AI

The **HTX-16V151MF80Q-R2** is a high-performance surface-mount (SMD) aluminum electrolytic capacitor. It belongs to a specialized series designed for high-temperature reliability and low ESR (Equivalent Series Resistance).
---
## 1. Technical Specifications
The part number follows a standard nomenclature used by manufacturers like **Lelon** or similar high-end electronic component producers.
| Parameter | Specification |
|:---|:---|
| **Capacitance** | 150 µF |
| **Voltage Rating** | 16 V DC |
| **Tolerance** | ±20% (Standard) |
| **Operating Temperature** | -55°C to +125°C (HTX High Temp Series) |
| **Case Size (Code)** | F80 (approx. 6.3mm diameter x 7.7mm height) |
| **Mounting Type** | Surface Mount (SMD / V-Chip) |
| **Life Span** | 2,000 to 5,000 hours at 125°C |
---
## 2. Key Features
* **High Temperature Endurance:** Unlike standard capacitors rated at 85°C or 105°C, the "HTX" series is designed for 125°C, making it suitable for automotive and industrial environments.
* **Low ESR:** Optimized for high-frequency filtering and noise reduction.
* **Reflow Soldering Compatible:** Designed to withstand the heat of lead-free SMD assembly lines.
* **AEC-Q200 Compliance:** Often used in automotive applications where vibration and thermal shock resistance are mandatory.
---
## 3. Application Use Cases
1. **Automotive Electronics:** Power management for ECUs (Engine Control Units), infotainment systems, and ADAS.
2. **Industrial Power Supplies:** DC-DC converters where space is limited and ambient heat is high.
3. **Telecommunications:** Base stations and networking hardware that require long-term stability in outdoor enclosures.
---
## 4. Component Identification (Breakdown)
| Segment | Meaning |
|:---|:---|
| **HTX** | Series Name (High Temperature/Low ESR) |
| **16V** | Working Voltage (16 Volts) |
| **151** | Capacitance Code (15 + one zero = 150µF) |
| **MF80** | Case Size / Diameter Code |
| **Q-R2** | Packaging/Tolerance/RoHS Compliance suffix |
- ⤷
What are the equivalent alternative part numbers for the HTX series?
- ⤷ How does the ESR of this capacitor affect its performance in DC-DC converters?
- ⤷ What is the specific footprint/pad layout for the F80 case size?