HTS-NF-R/Q
AI

The **HTS-NF-R** and **HTS-NF-Q** are part of the **HTS series** of industrial-grade proximity sensors (frequently associated with brands like HIBEST or similar pneumatic/automation manufacturers). These are magnetic reed switches typically used to detect the position of pistons within pneumatic cylinders.
### 1. Key Technical Specifications
The main difference between the "R" and "Q" suffixes usually relates to the **connector type** or **internal switching logic** (Reed vs. Solid State).
| Parameter | HTS-NF-R (Reed Type) | HTS-NF-Q (Electronic/NPN) |
| :--- | :--- | :--- |
| **Switching Logic** | SPST (Normally Open) | Solid State (NPN or PNP) |
| **Sensor Type** | Magnetic Reed Switch | Magnetoresistive (GMR/Hall) |
| **Operating Voltage** | 5V - 240V AC/DC | 10V - 30V DC |
| **Switching Capacity** | Max 10W | Max 4W |
| **Voltage Drop** | 2.5V Max | 0.5V - 1.5V Max |
| **Indicator Lamp** | Red LED | Red or Green LED |
| **Cable Type** | 2-Wire (Usually) | 3-Wire (Usually) |
---
### 2. Internal Electronic Components
These sensors are encapsulated in a plastic housing with specific internal circuitry:
#### A. The Sensing Element
* **For HTS-NF-R:** Contains a **Reed Switch**. This consists of two ferromagnetic blades in a glass envelope that close physically when a magnetic field (from the cylinder piston) is present.
* **For HTS-NF-Q:** Contains a **Solid State Sensor** (Hall Effect or GMR). It uses a semiconductor to detect magnetic flux, offering a much higher switching frequency and no moving parts.
#### B. Protection Circuitry
* **Varistor/Zener Diode:** Used to protect the switch from voltage spikes (EMF) caused by inductive loads.
* **Current Limiting Resistor:** Protects the internal LED.
#### C. Indicators
* **LED:** Integrated into the transparent part of the housing to provide visual confirmation of the "ON" state.
---
### 3. Wiring Configuration
#### 2-Wire (HTS-NF-R)
Commonly used in series with a load.
```mermaid
[Power +] ---- [Brown Wire] ---- [Sensor] ---- [Blue Wire] ---- [Load] ---- [Power -]
```
#### 3-Wire (HTS-NF-Q)
Standard NPN or PNP configuration.
* **Brown:** V+ (10-30V DC)
* **Blue:** 0V (GND)
* **Black:** Output Signal (to PLC or Relay)
---
### 4. Comparison of Performance
| Feature | Reed (R) | Electronic (Q) |
| :--- | :--- | :--- |
| **Life Span** | Finite (mechanical wear) | Virtually infinite |
| **Switching Speed** | Slower (~1ms) | Very Fast (<0.1ms) |
| **Vibration Resistance** | Moderate | High |
| **Voltage Range** | Very Wide | Narrow (DC Only) |
---
- ⤷
What are the specific mounting bracket options for the HTS-NF series?
- ⤷ How do I troubleshoot a sensor where the LED stays on constantly?
- ⤷ Can the HTS-NF-R be used directly with a 240V AC PLC input?