công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • HTS-66-R/Q

  • AI
    The **HTS-66-R/Q** is a precision linear potentiometer (often referred to as a "soft pot" or membrane potentiometer) typically used for position sensing. These sensors are valued for their ultra-thin profile and durability in industrial and medical applications. --- ## 1. Technical Specifications The "R/Q" suffix usually denotes specific resistance or connector orientations (often right-angle or solder-tab variants). | Feature | Specification (Typical) | | :--- | :--- | | **Active Length** | 66mm | | **Sensor Type** | Linear Membrane Potentiometer | | **Resistance Range** | 10k Ohms (Standard) | | **Resistance Tolerance** | ±20% | | **Linearity** | ±1% to ±3% | | **Power Rating** | 0.5 Watt (Continuous) | | **Operating Temperature** | -40°C to +50°C | | **Life Cycle** | > 1 million cycles | --- ## 2. Core Electronic Components The HTS-66-R/Q consists of three primary layers that function as a variable voltage divider: ### A. The Resistor Layer (Bottom) This is a substrate (usually PET or Kapton) printed with a **conductive silver track** and a **resistive carbon track**. The resistance is distributed evenly across the 66mm length. ### B. The Collector Layer (Top) A flexible layer with a conductive coating. In its idle state, it is separated from the resistor layer by a thin "spacer." ### C. The Connector Interface * **Pin 1:** Input Voltage (Vcc). * **Pin 2:** Wiper (Output Signal). * **Pin 3:** Ground (GND). * *Note: In the R/Q variant, these pins are often arranged in a specific physical layout to fit tight enclosures.* --- ## 3. Principles of Operation The device functions as a **mechanical-to-electrical transducer**: 1. **Pressure Application:** When a stylus or finger presses down on the top layer, it makes electrical contact with the resistive track at that specific point. 2. **Voltage Division:** The contact point acts like the "wiper" of a traditional rotary potentiometer. 3. **Output Calculation:** The voltage measured at the collector pin is proportional to the distance of the press from the ground pin. ```python # Logic for calculating position V_out = (V_cc * R_pressed) / R_total # Distance = (V_out / V_cc) * Active_Length (66mm) ``` --- ## 4. Key Implementation Notes * **High Impedance:** Since the sensor is resistive, it is highly recommended to use a **Buffer/Voltage Follower** (Op-Amp) before feeding the signal into an Analog-to-Digital Converter (ADC) to prevent signal loading. * **Hysteresis:** There is a slight mechanical "travel" required to close the circuit, so the initial touch requires a minimum force (usually 0.5 to 1.5 Newtons). * **Environmental Protection:** The HTS series is generally IP65 rated, making it resistant to dust and water splashes, provided the connector interface is sealed.
    ✨ Follow-up Questions
    • ⤷ What are the physical mounting requirements for the HTS-66-R/Q?
    • ⤷ Can this sensor be used with an Arduino or Raspberry Pi directly?
    • ⤷ What is the difference between the 'R' and 'Q' sub-models in this series?