công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • HTS-66-R/BL

  • AI
    The **HTS-66-R/BL** is a specific type of **illuminated rocker switch** commonly used in industrial panels, power strips, and consumer appliances. It is designed to handle high current while providing visual feedback to the user. --- ### 1. General Specifications Below are the typical technical parameters associated with this component series: | Parameter | Specification | | :--- | :--- | | **Switch Type** | Rocker Switch | | **Circuitry** | SPST (Single Pole Single Throw) | | **Actuator Color** | Red (Translucent) | | **Body Color** | Black | | **Illumination** | Neon Lamp (Standard) | | **Rating (AC)** | 16A 250V AC / 20A 125V AC | | **Mounting Type** | Snap-in | | **Terminals** | 3-Pin (Power In, Load Out, Ground/Neutral for Light) | --- ### 2. Electronic Pin Configuration The "R/BL" designation usually refers to a **Red** actuator in a **Black** housing. Because it is illuminated, it features three terminals rather than two: 1. **Pin 1 (Line/Hot):** Receives the incoming power from the source. 2. **Pin 2 (Load):** Sends power to the device being controlled when the switch is in the "ON" position. 3. **Pin 3 (Neutral/Ground):** This pin is dedicated to completing the circuit for the internal neon lamp. Without connecting this, the switch will function, but it will not light up. --- ### 3. Key Electronic Features * **Internal Neon Bulb:** Unlike LEDs, these switches usually contain a small neon bulb and a current-limiting resistor. This allows them to operate directly at 110V or 220V AC without needing a separate transformer. * **Contact Resistance:** Typically less than 50mΩ, ensuring minimal heat generation during high-current operation. * **Insulation Resistance:** Usually rated at 100MΩ min (at 500V DC) to ensure safety against electrical leaks. * **Dielectric Strength:** Often rated to withstand 1500V AC for 1 minute between terminals. --- ### 4. Common Applications * **Power Distribution Units (PDUs):** Used as the main power toggle. * **Household Appliances:** Coffee makers, heaters, and vacuum cleaners. * **Industrial Controls:** Panel-mount power indicators for machinery. ---
    ✨ Follow-up Questions
    • ⤷ What is the wiring diagram for the 3-pin illuminated version?
    • ⤷ Can this switch be used for DC applications instead of AC?
    • ⤷ What are the physical cutout dimensions for the HTS-66-R/BL?