công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • HTS-5D-R/Q

  • AI
    The **HTS-5D-R/Q** typically refers to a high-precision, industrial-grade **Temperature and Humidity Sensor** (often used in environmental monitoring or HVAC control systems). Below is an overview of its electronic components and specifications. --- ### ## 1. Core Component Breakdown The device is built around a digital integrated circuit (IC) that combines sensing elements with signal processing. | Component | Description | | :--- | :--- | | **Sensing Element** | Capacitive polymer humidity sensor and a high-accuracy band-gap temperature sensor. | | **Microcontroller (MCU)** | An internal low-power MCU that handles analog-to-digital conversion (ADC) and calibration. | | **Communication Interface** | Typically supports **RS485** (Modbus RTU protocol) for long-distance data transmission. | | **Protection Circuitry** | TVS diodes for surge protection and reverse polarity protection on the power input. | | **Housing** | IP65 or IP67 rated enclosure to protect the internal electronics from dust and moisture. | --- ### ## 2. Technical Specifications These electronic parts allow the sensor to operate within the following parameters: * **Operating Voltage:** 12V - 24V DC (Standard industrial supply). * **Output Signal:** RS485 (Modbus-RTU) or 4-20mA / 0-10V (depending on the specific "R" or "Q" sub-model). * **Power Consumption:** < 0.5W. * **Temperature Range:** -40°C to +80°C. * **Humidity Range:** 0% to 100% RH. --- ### ## 3. Wiring and Connectivity The electronic interface is usually color-coded for industrial wiring. A standard configuration for the RS485 version is: | Wire Color | Function | Description | | :--- | :--- | :--- | | **Red** | VCC | Power Supply Positive (+) | | **Black** | GND | Power Supply Negative (-) | | **Yellow** | A+ | RS485 Data A | | **Blue/Green** | B- | RS485 Data B | --- ### ## 4. Electronic Design Features 1. **Digital Signal Processing:** Unlike old analog sensors, the HTS-5D series uses digital filtering to prevent signal "jitter" caused by electromagnetic interference (EMI). 2. **Calibration:** The parts include an EEPROM where factory calibration coefficients are stored, ensuring accuracy without manual adjustment. 3. **Low Thermal Mass:** The electronic layout is designed to minimize self-heating, which prevents the internal circuitry from skewing the temperature readings. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the R and Q suffixes for this sensor?
    • ⤷ How do I interface the RS485 output with a PLC?
    • ⤷ What is the specific Modbus register map for reading temperature data?