HTS-3F-R/BN
AI

The **HTS-3F-R/BN** refers to a high-quality, panel-mount **fuse holder** typically manufactured by companies like *Hasegawa* or similar industrial electronic component suppliers. It is designed to house and protect small glass or ceramic fuses within an electrical circuit.
---
### Technical Specifications
The following table outlines the typical electrical and physical characteristics of this component series:
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | Panel Mount Fuse Holder |
| **Compatible Fuse Size** | 5.2mm x 20mm (Standard small glass fuse) |
| **Rated Voltage** | 250V AC |
| **Rated Current** | 10A (Typical) |
| **Insulation Resistance** | 100MΩ Min at 500V DC |
| **Dielectric Strength** | 1500V AC for 1 minute |
| **Material (Body)** | Phenolic Resin or PBT (UL94V-0) |
| **Mounting Style** | Nut-fixed panel mount |
---
### Key Features and Design
#### 1. Part Number Breakdown
* **HTS:** Series designation (High-Temperature/Standard).
* **3F:** Designates the specific body style and terminal type (often solder terminals).
* **R:** Indicates a **Red** cap color (used for quick visual identification of fuse type or circuit safety).
* **BN:** Refers to the mounting hardware or body finish (Black body with Nut).
#### 2. Structural Components
* **The Cap:** Features a finger-grip or screwdriver-slot design for easy fuse replacement. In this specific model, the "R" indicates the cap is red.
* **The Body:** A threaded cylindrical housing that fits through a circular hole in a chassis.
* **Terminals:** Usually two solder lugs at the rear or bottom for wire connections.
---
### Applications
The HTS-3F-R/BN is widely used in industrial and consumer electronics where circuit protection is required:
* **Power Supplies:** To protect against overcurrent on the AC input side.
* **Test Equipment:** For safeguarding sensitive internal circuitry.
* **Industrial Panels:** Used in control boxes where visible status (via color-coded caps) is necessary.
* **Audio Equipment:** Protecting amplifiers and high-fidelity gear.
### Installation Safety
> **Warning:** Always ensure the power is disconnected before removing the fuse cap. The rear terminals are exposed and may carry lethal voltages when the device is plugged in.
---
- ⤷What are the specific panel cutout dimensions for the HTS-3F series?
- ⤷ Is there a waterproof or IP-rated version of this fuse holder?
- ⤷ Can this fuse holder accommodate 6.3mm x 32mm fuses?