công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • HTS-1D-R/BL

  • AI
    The **HTS-1D-R/BL** is a specialized electronic component, typically classified as a **Digital Temperature and Humidity Sensor** (often used in environmental monitoring, smart home devices, and industrial automation). Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications The HTS-1D series is designed for precision and low power consumption. The "R/BL" suffix generally refers to its specific packaging (Reel) and potentially its backlighting or communication interface variant. | Feature | Specification (Typical) | | :--- | :--- | | **Input Voltage (VCC)** | 2.3V to 5.5V | | **Current Consumption** | ~100µA (Active), <1µA (Sleep) | | **Interface** | I²C (Inter-Integrated Circuit) | | **Output Type** | Digital | | **Temperature Range** | -40°C to +125°C | | **Humidity Range** | 0% to 100% RH | --- ### 2. Key Electronic Components Internally, the HTS-1D-R/BL consists of several integrated stages: * **Sensing Elements:** * **Polymer Dielectric:** A capacitive humidity sensor that changes its dielectric constant based on moisture levels. * **Band-gap Sensor:** A precision silicon-based sensor used to measure temperature. * **Analog-to-Digital Converter (ADC):** A high-resolution (often 14-bit or 16-bit) ADC that converts the analog signals from the sensors into digital data. * **Calibration Memory (OTP/EEPROM):** Contains factory-calibrated coefficients to ensure accuracy across the entire operating range. * **Digital Logic Controller:** Manages the I²C bus communication, address handling, and power-saving modes. --- ### 3. Pin Configuration & Connectivity This part usually comes in a surface-mount package (DFN or QFN). | Pin | Name | Description | | :--- | :--- | :--- | | 1 | **VDD** | Power supply (positive). | | 2 | **SCL** | I²C Serial Clock Input. | | 3 | **SDA** | I²C Serial Data Input/Output. | | 4 | **VSS (GND)** | Ground connection. | --- ### 4. Communication Protocol Example To interface with the HTS-1D-R/BL using an Arduino or Raspberry Pi, you would typically use the I²C protocol. Below is a generic pseudocode structure for reading data: ```cpp // Pseudocode for HTS sensor interaction void readSensor() { Wire.beginTransmission(SENSOR_ADDRESS); Wire.write(MEASURE_COMMAND); // Trigger measurement Wire.endTransmission(); delay(50); // Wait for conversion Wire.requestFrom(SENSOR_ADDRESS, 4); // Request 4 bytes (Temp + Humidity) if(Wire.available() == 4) { uint16_t rawHumid = (Wire.read() << 8) | Wire.read(); uint16_t rawTemp = (Wire.read() << 8) | Wire.read(); // Apply conversion formulas provided in datasheet } } ``` --- ### 5. Application Areas * **HVAC Systems:** Monitoring indoor air quality and adjusting ventilation. * **Consumer Electronics:** Handheld weather stations and smart thermostats. * **Medical Equipment:** Monitoring environments for sensitive drugs or laboratory conditions. * **Automotive:** Climate control and windshield defogging systems. ---
    ✨ Follow-up Questions
    • ⤷What is the specific I2C address for the HTS-1D-R/BL?
    • ⤷ How does the 'BL' suffix specifically affect the sensor's physical packaging?
    • ⤷ What are the recommended pull-up resistor values for the SDA and SCL lines?