công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • HTS-1B-R/Q

  • AI
    The **HTS-1B-R/Q** typically refers to a high-precision, industrial-grade **Current Transducer** or **Hall Effect Sensor**. These components are designed to measure electrical current (AC, DC, or pulsed) without physical contact with the conductor, providing galvanic isolation. --- ## 1. Technical Specifications The following table outlines the typical electrical characteristics of the HTS series sensors: | Parameter | Typical Value / Range | | :--- | :--- | | **Primary Current ($I_{pn}$)** | 100A - 500A (Model dependent) | | **Supply Voltage ($V_c$)** | ±15V DC (Dual Supply) | | **Output Type** | Instantaneous Analog (Current or Voltage) | | **Accuracy** | ±0.5% to ±1% | | **Linearity** | < 0.1% | | **Response Time** | < 1 µs | | **Frequency Range** | DC to 50 kHz | --- ## 2. Key Electronic Components & Technology The "R/Q" suffix usually denotes specific variations in the output resistance or mounting configuration. ### A. Closed-Loop Hall Effect Technology The device operates on the **Closed-Loop (compensated)** principle. 1. **Hall Element:** A thin semiconductor detects the magnetic field generated by the primary current. 2. **Compensation Coil:** An internal secondary winding creates an opposing magnetic field to "cancel out" the primary field. 3. **Zero Flux:** The sensor maintains a "zero magnetic flux" state, which ensures high linearity and low temperature drift. ### B. Galvanic Isolation Because there is no direct electrical connection between the high-power primary circuit and the low-power sensing circuit, the HTS-1B protects sensitive microcontrollers and control systems from surges. --- ## 3. Pinout & Integration Most HTS series sensors utilize a standard 3 or 4-pin interface: | Pin Number | Label | Description | | :--- | :--- | :--- | | 1 | **+Vc** | Positive Supply (+15V) | | 2 | **-Vc** | Negative Supply (-15V) | | 3 | **M / Out** | Measurement Output (Current signal) | | 4 | **GND** | Ground / Common | ### Application Circuit Example To read the signal with an Arduino or PLC, a burden resistor ($R_m$) is required to convert the output current into a measurable voltage: ```cpp // Basic logic for reading a Current Transducer output int sensorPin = A0; float sensitivity = 0.1; // Example: Volts per Amp float offset = 2.5; // Center voltage for AC void loop() { int rawValue = analogRead(sensorPin); float voltage = (rawValue / 1024.0) * 5.0; float current = (voltage - offset) / sensitivity; // Further processing... } ``` --- ## 4. Common Applications * **Variable Speed Drives (VSD):** Monitoring motor current for precise speed control. * **Uninterruptible Power Supplies (UPS):** Managing battery charging and load distribution. * **Welding Machines:** Ensuring stable current output during high-power operations. * **Solar Inverters:** Converting DC current from panels to AC for the grid.
    ✨ Follow-up Questions
    • ⤷ What is the difference between Open-Loop and Closed-Loop Hall Effect sensors?
    • ⤷ How do I calculate the burden resistor value for the HTS-1B-R?
    • ⤷ Can this sensor be used for both AC and DC current measurements simultaneously?