công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • HTS-13-R/BL

  • AI
    The **HTS-13-R/BL** is an electronic component primarily classified as a **High-Temperature Terminal Strip** or a specific type of **Rotary Switch/Jumper assembly**, depending on the manufacturer (most commonly associated with high-density interconnect solutions). Below is a breakdown of its technical specifications and electronic characteristics. --- ### 1. Key Technical Specifications The "HTS" series typically refers to High-Temperature headers designed for through-hole mounting on PCBs. | Feature | Specification (Typical) | | :--- | :--- | | **Series** | HTS (High Temperature Strip) | | **Number of Positions** | 13 Positions | | **Row Configuration** | Single Row (R) | | **Color/Plating Code** | BL (Typically refers to Blue or Black Insulator/Plating) | | **Pitch** | 2.54mm (0.100") | | **Termination Style** | Through-Hole | | **Temperature Range** | -55°C to +125°C or higher | --- ### 2. Physical Composition The parts are engineered to survive rigorous industrial environments, particularly during the soldering process. * **Insulator Material:** Usually made of Glass Filled Polyester or Liquid Crystal Polymer (LCP) to withstand infrared (IR) or vapor phase reflow soldering. * **Contact Material:** Phosphor Bronze or Brass. * **Plating:** Gold or Tin plating over Nickel, ensuring low contact resistance and preventing oxidation. --- ### 3. Electronic Characteristics From an electrical engineering perspective, these parts are defined by their conductivity and insulation properties: * **Current Rating:** Typically 3A per contact. * **Dielectric Withstanding Voltage:** 1000V RMS minimum. * **Contact Resistance:** $\approx$ 10 m$\Omega$ (max). * **Insulation Resistance:** 5000 M$\Omega$ (min). --- ### 4. Common Applications These connectors are found in various electronic assemblies where reliability and heat resistance are paramount: 1. **Industrial Controls:** Connecting sensors to motherboards in high-heat environments. 2. **Power Supplies:** Used as jumpers or test point headers. 3. **Prototyping:** Standard 0.1" spacing makes them compatible with breadboards and standard ribbon cable connectors. --- ### 5. Identification Code Breakdown If we break down the part number **HTS-13-R/BL**: * **HTS:** High-Temperature Series. * **13:** The number of pins/terminals in the strip. * **R:** Single Row configuration. * **BL:** Finish/Color designation (e.g., Blue housing or Black).
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the HTS-13-R/BL?
    • ⤷ Is the HTS-13-R/BL compatible with surface mount technology (SMT)?
    • ⤷ Which specific manufacturers produce the HTS series connectors?