công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • HTS-10-R/BL

  • AI
    The **HTS-10-R/BL** is a specialized electronic component, typically categorized as a **high-temperature, high-current connector or terminal block**, often used in industrial heating systems or automotive sensor applications. Below is a detailed breakdown of its technical specifications and electronic properties. --- ### 1. General Specifications | Feature | Description | | :--- | :--- | | **Product Type** | Terminal Strip / Connector Housing | | **Circuit Count** | 10-Position (HTS-10) | | **Color Code** | BL (Blue) / R (Standard/RoHS compliant) | | **Pitch** | Usually 10.0mm or 8.0mm (standard for HTS series) | | **Mounting Type** | Panel Mount or Wire-to-Wire | ### 2. Material Composition * **Housing:** High-grade Polyamide (PA66) or Ceramic, depending on the specific environmental rating. The "HT" prefix often denotes **High Temperature** resistance, allowing the part to operate in environments exceeding 100°C. * **Contacts:** Typically made of Copper Alloy with Tin or Nickel plating to prevent oxidation at high temperatures. * **Insulation:** Designed for high dielectric strength to prevent arcing between the 10 closely packed terminals. ### 3. Electrical Characteristics The HTS series is engineered for power distribution rather than signal processing. Key electrical parameters include: 1. **Current Rating:** Generally rated between **15A to 30A** per circuit, depending on the wire gauge used. 2. **Voltage Rating:** Often rated for **300V to 600V** AC/DC, making it suitable for industrial machinery. 3. **Contact Resistance:** Low milliohm (mΩ) range to minimize heat generation during high current flow. ### 4. Typical Applications * **HVAC Systems:** Used in heater control circuits. * **Industrial Ovens:** Connecting heating elements to power controllers. * **Automotive Test Benches:** Wiring harnesses for engine testing sensors. * **Power Supplies:** Distribution of DC power across multiple rails. --- ### 5. Identification Code Breakdown * **HTS:** Series designation (High-Temperature Strip/Socket). * **10:** Number of poles/positions. * **R:** Indicates RoHS (Restriction of Hazardous Substances) compliance. * **BL:** Indicates the color (Blue) or a specific "Block" configuration.
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for the HTS-10 series?
    • ⤷ Can this connector be used with stranded wire or only solid core?
    • ⤷ Are there waterproof versions of the HTS-10 connector?