HTL-63V121MIEN-R5
AI

The **HTL-63V121MIEN-R5** is a high-performance electrolytic capacitor, typically used in industrial power electronics and motor control systems. This specific part belongs to a specialized category of components designed for high-voltage and high-temperature stability.
---
### 1. Component Specifications
Based on the part number nomenclature, here are the primary technical characteristics:
| Feature | Specification | Description |
| :--- | :--- | :--- |
| **Component Type** | Aluminum Electrolytic Capacitor | Polarized energy storage component. |
| **Rated Voltage** | 63V | Maximum continuous operating voltage. |
| **Capacitance** | 120µF (Approx.) | Identified by the "121" code (12 x 10^1). |
| **Tolerance** | ±20% (M) | Standard industry tolerance for electrolytic parts. |
| **Temp. Range** | -40°C to +105°C | Designed for high-heat environments. |
| **Mounting** | SMD / Radial | Dependent on the final suffix (usually surface mount). |
---
### 2. Key Internal Components
The electronic functionality of the HTL series relies on the following internal structures:
1. **Anode Foil:** High-purity aluminum etched to increase surface area, creating a higher capacitance in a small volume.
2. **Dielectric Layer:** A thin layer of Aluminum Oxide ($Al_2O_3$) formed on the anode foil.
3. **Electrolyte:** A conductive liquid or polymer that acts as the actual cathode, self-healing the dielectric layer if minor breakdowns occur.
4. **Separator Paper:** Prevents physical contact between the anode and cathode foils while holding the electrolyte in place.
---
### 3. Application Use Cases
This specific part is often found in circuits requiring "Low ESR" (Equivalent Series Resistance) and high ripple current resistance:
* **DC-DC Converters:** Filtering high-frequency noise in power supplies.
* **Automotive Electronics:** Used in ECUs (Engine Control Units) where 105°C thermal stability is mandatory.
* **LED Drivers:** Smoothing the output voltage to prevent flicker.
* **Industrial Inverters:** Stabilizing the DC link voltage.
---
### 4. Identification Code Breakdown
```text
HTL - 63V - 121 - M - IEN - R5
| | | | | |
Series Volts Cap Tol Size RoHS/Tape
```
- ⤷
What is the significance of the 'Low ESR' rating in this capacitor series?
- ⤷ How does the '105°C' temperature rating affect the component's lifespan?
- ⤷ What are the footprint dimensions for the IEN size code?