HTK-63V560MH10EX-R2
AI

The **HTK-63V560MH10EX-R2** is a high-performance **Conductive Polymer Hybrid Aluminum Electrolytic Capacitor**. This specific component is designed for applications requiring high reliability, low ESR (Equivalent Series Resistance), and stable performance across a wide temperature range.
---
### ## Technical Specifications
The following table breaks down the core electrical and physical characteristics of the component:
| Feature | Specification |
| :--- | :--- |
| **Capacitance** | 56 µF |
| **Voltage (Rated)** | 63 V DC |
| **Tolerance** | ±20% (at 120Hz, 20°C) |
| **Temperature Range** | -55°C to +125°C |
| **Endurance** | 4,000 hours at 125°C |
| **ESR** | Very Low (Typically ~30-50 mΩ range) |
| **Case Size (D x L)** | 8.0 mm x 10.0 mm (Size Code: H10) |
| **Mounting Type** | Surface Mount (SMD) |
---
### ### Key Features and Construction
1. **Hybrid Technology:** It combines a liquid electrolyte with a solid conductive polymer. This provides the high voltage rating of standard aluminum capacitors with the low ESR and high ripple current capability of polymer capacitors.
2. **Self-Healing Property:** Unlike pure polymer capacitors, the liquid electrolyte component allows for "self-healing" of the dielectric layer, reducing the risk of short-circuit failures.
3. **Reflow Soldering:** The "-R2" suffix typically denotes compliance with lead-free reflow soldering profiles and packaging standards (usually Tape & Reel).
4. **High Ripple Current:** Designed to handle significant AC current overlays, making it ideal for power smoothing.
---
### ### Common Applications
Because of its 63V rating and high-temperature tolerance, this part is commonly used in:
* **Automotive Electronics:** Engine control units (ECUs), ADAS sensors, and infotainment systems where 12V/24V/48V rails are present.
* **Industrial Power Supplies:** DC-DC converters and switching regulators.
* **Telecommunications:** Base station equipment requiring long-term reliability in outdoor environments.
---
### ### Part Number Breakdown (Typical Naming Convention)
| Prefix/Code | Meaning |
| :--- | :--- |
| **HTK** | Series Name (High Temperature/Long Life Hybrid) |
| **63V** | Rated Voltage (63 Volts) |
| **560** | Capacitance Code (56 x 10^0 = 56 µF) |
| **MH10** | Case Size dimensions (8x10mm) |
| **EX** | Specific internal design or material characteristic |
| **R2** | Packaging/RoHS compliance (Tape & Reel) |
- ⤷
What is the maximum ripple current rating for this specific capacitor?
- ⤷ How does a hybrid capacitor compare to a standard solid polymer capacitor in terms of leakage current?
- ⤷ Are there specific PCB footprint recommendations for the H10 case size?