HTK-63V101MHC5BX-R2
AI

The **HTK-63V101MHC5BX-R2** is a high-performance **Aluminum Electrolytic Capacitor**. It belongs to the **HTK series**, which is specifically designed for high-temperature environments and automotive or industrial applications requiring surface mount technology (SMD).
---
## 1. Technical Specifications
The following table summarizes the core electronic characteristics of this component:
| Parameter | Specification |
| :--- | :--- |
| **Capacitance** | 100 µF |
| **Voltage Rating (DC)** | 63 V |
| **Tolerance** | ±20% (M) |
| **Operating Temperature** | -55°C to +125°C |
| **Endurance / Life** | 2,000 to 5,000 hours @ 125°C |
| **Case Size (Code)** | HC5 (Typically 8x10.5 mm or 10x10.5 mm depending on brand) |
| **Mounting Type** | Surface Mount (SMD) - V-Chip |
| **Termination** | Lead-Free / RoHS Compliant |
---
## 2. Key Features and Construction
### High Temperature Resistance
The primary feature of the HTK series is its ability to operate at **125°C**. Standard electrolytic capacitors are usually rated for 85°C or 105°C; this part is engineered for harsh environments where heat dissipation is a challenge.
### Low ESR and High Ripple Current
These capacitors are designed to handle significant ripple current (AC component superimposed on DC), which is crucial for power filtering.
### Physical Packaging (V-Chip)
* **Form Factor:** It is a "Vertical Chip" (V-Chip) design.
* **Base Plate:** Features a plastic base plate for stable surface mounting and vibration resistance, often required for automotive AEC-Q200 standards.
---
## 3. Part Number Breakdown (Typical)
While naming conventions vary slightly by manufacturer (such as Lelon or Samxon), the code generally breaks down as follows:
* **HTK:** Series name (High Temperature, Low Impedance).
* **63V:** Rated Working Voltage (63 Volts).
* **101:** Capacitance code (10 + one zero = 100µF).
* **M:** Tolerance (±20%).
* **HC5:** Case size dimensions.
* **BX-R2:** Packaging/Tape & Reel specification for automated assembly.
---
## 4. Common Applications
Due to its voltage rating and temperature profile, this part is commonly found in:
1. **Automotive Electronics:** Engine Control Units (ECUs), LED lighting drivers, and sensors.
2. **Power Supplies:** DC-DC converters and switching regulators.
3. **Industrial:** Industrial automation equipment located near heat-generating motors or machinery.
4. **Telecommunications:** Base station power modules.
- ⤷
What is the equivalent series resistance (ESR) for this specific capacitor?
- ⤷ Are there AEC-Q200 qualified alternatives for this part?
- ⤷ How does the ripple current rating change at lower temperatures?