HTK-63V100MF61BN-R2
AI

The **HTK-63V100MF61BN-R2** is a high-performance surface-mount (SMD) aluminum electrolytic capacitor. It belongs to the **HTK series**, which is characterized by its "High Temperature" and "Low ESR" capabilities, typically used in automotive and industrial power applications.
---
### 1. Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Capacitance** | 100 µF |
| **Voltage Rating** | 63 V DC |
| **Capacitance Tolerance** | ±20% (at 120Hz, 20°C) |
| **Operating Temperature** | -55°C to +125°C |
| **Endurance/Life** | 2,000 to 5,000 hours (at 125°C) |
| **Case Size (Diameter x L)** | 6.3 mm x 6.1 mm (Approx.) |
| **Mounting Type** | Surface Mount (SMD) |
---
### 2. Key Features and Construction
* **Hybrid/High-Reliability Electrolyte:** The HTK series often utilizes a specialized electrolyte designed to handle extreme temperature fluctuations without significant drying or degradation.
* **Low ESR (Equivalent Series Resistance):** This allows the capacitor to handle higher ripple currents and improve efficiency in high-frequency switching circuits.
* **AEC-Q200 Compliance:** Parts with this numbering scheme are frequently automotive-grade, meaning they are tested for high vibration resistance and thermal shock.
* **Reflow Solder Compatible:** Designed for automated assembly lines using lead-free reflow soldering processes.
---
### 3. Part Number Breakdown (Typical)
While manufacturers vary slightly, the code can generally be interpreted as follows:
| Segment | Meaning |
| :--- | :--- |
| **HTK** | Series Name (High Temperature/Low ESR) |
| **63V** | Rated Voltage (63 Volts) |
| **100** | Capacitance (100 Microfarads) |
| **MF61** | Case Size Code (6.3mm diameter class) |
| **BN-R2** | Packaging/Taping Code (Tape & Reel) |
---
### 4. Common Applications
1. **Automotive Electronics:** Power steering units, LED lighting drivers, and Engine Control Units (ECUs).
2. **DC-DC Converters:** Filtering input/output noise in compact power supplies.
3. **Industrial Automation:** Sensors and controllers exposed to high ambient heat.
4. **Telecommunications:** Base station power modules.
- ⤷What are the specific ESR values for this capacitor at room temperature?
- ⤷ Can this capacitor be substituted with a 100V rated equivalent?
- ⤷ What is the maximum ripple current rating for the HTK series at 125°C?