công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • HTK-50V331MIEE-R5

  • AI
    ## Component Analysis: HTK-50V331MIEE-R5 The **HTK-50V331MIEE-R5** is a high-performance **Surface Mount (SMD) Aluminum Electrolytic Capacitor**. It is specifically designed for applications requiring low impedance, high reliability, and high temperature resistance. --- ### 1. Technical Specifications Below are the primary electrical and physical characteristics of this component: | Characteristic | Specification | | :--- | :--- | | **Capacitance** | 330 µF | | **Voltage Rating** | 50V DC | | **Capacitance Tolerance** | ±20% (at 120Hz, 20°C) | | **Operating Temperature** | -55°C to +105°C | | **Impedance** | Low Impedance (High Frequency) | | **Lifetime / Endurance** | ~2,000 to 5,000 hours at 105°C | | **Mounting Type** | Surface Mount (SMD / V-Chip) | | **Case Size (Diameter x L)** | Typically 10mm x 10.2mm (E10 size code) | --- ### 2. Part Number Breakdown While nomenclature can vary slightly by manufacturer (often associated with brands like **Lelon** or **King-core**), the code generally follows this logic: 1. **HTK**: Series name (High Temperature / Low Impedance series). 2. **50V**: Rated Working Voltage (50 Volts). 3. **331**: Capacitance code ($33 \times 10^1 = 330$ µF). 4. **M**: Tolerance code (M = ±20%). 5. **IEE**: Size/Case dimensions code. 6. **R5**: Taping or packaging specification (Reel). --- ### 3. Key Electronic Features * **Low ESR/Impedance:** Designed to minimize energy loss and heat generation during high-frequency switching. * **Reflow Soldering Compatible:** Built to withstand the high temperatures of automated SMT production lines. * **Polarized Nature:** As an electrolytic capacitor, it has a distinct positive (+) and negative (-) terminal. Reversing polarity will lead to component failure. * **Vibration Resistance:** The SMD "V-Chip" design provides better mechanical stability on PCBs compared to radial leaded components. --- ### 4. Typical Applications This specific capacitor is commonly found in: * **DC-DC Converters:** For smoothing and filtering output voltage. * **Automotive Electronics:** Used in infotainment and control modules due to the 105°C rating. * **Power Supplies:** Input/Output filtering for industrial power bricks. * **LED Drivers:** Stabilizing current in lighting applications. ---
    ✨ Follow-up Questions
    • ⤷ What are the recommended footprint dimensions for soldering this SMD capacitor?
    • ⤷ How does the ESR of this HTK series compare to standard electrolytic capacitors?
    • ⤷ Are there specific derating guidelines for using this 50V capacitor in 24V or 48V systems?