HTK-50V330MF80EN-R2
AI

The part number **HTK-50V330MF80EN-R2** refers to a high-performance **Aluminum Electrolytic Capacitor**, specifically designed for surface-mount (SMD) applications requiring low impedance and high reliability.
### 1. Technical Specifications Table
| Parameter | Specification | Details |
| :--- | :--- | :--- |
| **Capacitance** | 33 $\mu$F | Total charge storage capacity |
| **Voltage Rating** | 50V DC | Maximum continuous operating voltage |
| **Tolerance** | ±20% (M) | Standard industry variance |
| **Temperature Range** | -55°C to +105°C | Operating thermal window |
| **Case Size (DxL)** | 6.3 x 7.7 mm | Size code "F80" |
| **Mounting Type** | SMD (V-Chip) | Surface Mount Device |
| **Series** | HTK | High temperature / Low impedance series |
| **Packaging** | Tape & Reel (R2) | Designed for automated pick-and-place |
---
### 2. Breakdown of the Part Number
Decoding the alphanumeric string provides insight into its physical and electrical characteristics:
* **HTK**: The series code (often indicates high temperature, long life, and low ESR).
* **50V**: The Rated Voltage (50 Volts).
* **330**: The capacitance code. The first two digits are significant figures, and the third is the multiplier (33 x 10^0 = 33$\mu$F).
* **M**: Capacitance Tolerance (M = ±20%).
* **F80**: Case size dimensions (specifically 6.3mm diameter).
* **EN**: Internal manufacturer design/reflow profile code.
* **R2**: Packaging code (13-inch or specific diameter Reel).
---
### 3. Key Electronic Characteristics
#### A. Low ESR/Impedance
The HTK series is typically engineered for low equivalent series resistance. This allows the capacitor to handle higher ripple currents without overheating, making it efficient for power filtering.
#### B. Lifetime and Reliability
Rated at 105°C, these capacitors are built to last several thousand hours at their maximum temperature rating. In standard room temperature environments, their operational lifespan extends significantly.
#### C. Application Use Cases
* **DC-DC Converters**: Smoothing output voltage ripples.
* **Automotive Electronics**: Used in modules where vibration resistance and wide temperature ranges are required.
* **Telecommunications**: Power management in base stations or networking hardware.
* **Consumer Electronics**: High-density PCB designs where vertical space is limited.
---
- ⤷
What is the ripple current rating for the HTK-50V330MF80EN-R2?
- ⤷ How does the ESR of this capacitor compare to standard general-purpose electrolytic capacitors?
- ⤷ What are the recommended reflow soldering profiles for this specific SMD package?