công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • HTK-35V680MF80EQ-R2

  • AI
    The **HTK-35V680MF80EQ-R2** is a surface-mount (SMD) aluminum electrolytic capacitor. It belongs to a specialized category known as **Hybrid Aluminum Electrolytic Capacitors**, which combine the technologies of liquid electrolytes and solid conductive polymers. ### 1. Key Technical Specifications | Parameter | Value / Description | | :--- | :--- | | **Capacitance** | 68 µF | | **Rated Voltage** | 35 V DC | | **Tolerance** | ±20% (at 120Hz, 20°C) | | **Operating Temperature** | -55°C to +125°C | | **Endurance (Lifetime)** | 4,000 hours at 125°C | | **Package / Case** | SMD (V-chip) - Size Code F80 (approx. 6.3 x 7.7 mm) | | **ESR (Equivalent Series Resistance)** | Very Low (High performance at high frequencies) | --- ### 2. Component Breakdown The part number can be decoded into specific functional attributes: * **HTK:** Series name. This usually denotes a high-temperature, low ESR hybrid series designed for automotive or industrial reliability. * **35V:** The maximum working voltage (35 Volts). * **680:** The capacitance value. The first two digits (68) are the base value, and the third (0) is the multiplier ($10^0$). Result: **68µF**. * **MF80:** Refers to the physical dimensions and case size (Diameter x Length). * **EQ-R2:** Packaging and compliance codes (e.g., RoHS compliance, Tape & Reel specifications). --- ### 3. Core Advantages of Hybrid Technology This specific component utilizes a "Hybrid" construction, offering several benefits over standard electrolytic capacitors: 1. **Low ESR & High Ripple Current:** The solid polymer electrolyte allows for much lower internal resistance, meaning the capacitor can handle higher currents without overheating. 2. **Temperature Stability:** Unlike standard liquid capacitors, the capacitance and ESR of hybrid types remain extremely stable even at sub-zero temperatures (-55°C). 3. **Self-Healing Properties:** The liquid electrolyte portion provides a "self-healing" mechanism for the dielectric layer, which enhances long-term reliability compared to pure solid polymer capacitors. 4. **Open Failure Mode:** They generally fail "open" rather than shorting, which is a critical safety feature for power circuits. --- ### 4. Common Applications Due to its 125°C rating and high reliability, this part is typically found in: * **Automotive Electronics:** ECU (Engine Control Units), ADAS sensors, and lighting systems. * **Industrial Power Supplies:** DC/DC converters and smoothing circuits. * **Telecommunications:** Base station power modules where extreme weather durability is required.
    ✨ Follow-up Questions
    • ⤷What is the difference between a hybrid capacitor and a standard polymer capacitor?
    • ⤷ How do I calculate the ripple current limit for this specific model?
    • ⤷ Are there AEC-Q200 qualified alternatives for this part?