HTK-35V561MIEBQ-R5
AI

The **HTK-35V561MIEBQ-R5** is a high-performance **Conductive Polymer Hybrid Aluminum Electrolytic Capacitor**. These components are widely used in automotive and industrial electronics due to their ability to combine the low ESR (Equivalent Series Resistance) of conductive polymers with the high voltage and safety features of traditional liquid electrolytes.
---
### 1. Technical Specifications Breakdown
| Parameter | Value / Specification |
| :--- | :--- |
| **Series** | HTK (High Temperature, Low ESR) |
| **Capacitance** | 560 µF |
| **Voltage (Rated)** | 35V DC |
| **Tolerance** | ±20% (M) |
| **Operating Temperature** | -55°C to +125°C |
| **Endurance** | 4,000 hours @ 125°C |
| **Mounting Type** | Surface Mount (SMD) |
| **Case Size (D x L)** | 10.0mm x 12.5mm |
---
### 2. Key Features and Technology
#### Hybrid Electrolyte System
This part uses a "Hybrid" design. It contains both a **conductive polymer** and a **liquid electrolyte**.
* **Polymer Benefit:** Provides extremely low ESR, allowing the part to handle high ripple currents without overheating.
* **Liquid Benefit:** Provides a "self-healing" mechanism for the dielectric layer, which increases reliability and prevents short circuits at high voltages.
#### Automotive Grade Reliability
The "BQ" suffix often indicates compliance with rigorous quality standards, such as **AEC-Q200**. This makes the capacitor suitable for:
* Under-the-hood automotive applications.
* Power management in Electric Vehicles (EVs).
* High-vibration environments.
---
### 3. Deciphering the Part Number
```text
HTK - 35V - 561 - M - IEB - Q - R5
| | | | | | |
Series Volts Cap Tol Case Grade Packaging
```
* **HTK:** Series name (High-temperature Hybrid).
* **35V:** 35 Volts DC working voltage.
* **561:** Capacitance code (56 + 1 zero = 560µF).
* **M:** ±20% Tolerance.
* **IEB:** Case size code (approx. 10x12.5mm).
* **Q:** Often denotes AEC-Q200 Automotive grade.
* **R5:** Tape and Reel packaging specification.
---
### 4. Typical Applications
1. **DC/DC Converters:** Used for smoothing and noise filtering in power supplies.
2. **ADAS Systems:** Providing stable power for Advanced Driver Assistance Systems.
3. **LED Lighting Drivers:** Filtering high-frequency noise in automotive or industrial lighting.
4. **Motor Control:** Decoupling and energy storage in small motor drives.
- ⤷
What are the advantages of Hybrid capacitors over standard Liquid Electrolytic types?
- ⤷ How does the ESR of this capacitor affect its ripple current performance?
- ⤷ What are the specific soldering profile requirements for SMD Hybrid capacitors?