HTK-25V331MH10BX-R2
AI

The part number **HTK-25V331MH10BX-R2** refers to a high-performance **Aluminum Electrolytic Capacitor**, typically designed for surface mount (SMD) applications. These components are commonly used in automotive electronics, industrial power supplies, and telecommunications due to their durability and high temperature resistance.
---
### 1. Technical Specifications Table
| Feature | Description |
| :--- | :--- |
| **Capacitance** | 330 µF (Microfarads) |
| **Voltage Rating** | 25V DC |
| **Tolerance** | ±20% |
| **Temperature Range** | -55°C to +125°C (High Temperature Grade) |
| **Mounting Type** | Surface Mount Device (SMD/V-Chip) |
| **Case Size** | 10.0mm (Diameter) x 10.5mm (Height) |
| **Series** | HTK Series (High Temperature, Low ESR) |
| **Packaging** | Tape & Reel (R2 suffix usually denotes reel size/quantity) |
---
### 2. Breakdown of the Part Number
The alphanumeric code follows a specific logic used by manufacturers (often associated with brands like CapXon or similar high-reliability manufacturers):
* **HTK**: Indicates the series. This series is characterized by high temperature endurance (often up to 125°C) and low ESR (Equivalent Series Resistance).
* **25V**: The maximum working voltage (25 Volts).
* **331**: The capacitance code. "33" followed by "1" zero = 330µF.
* **M**: The tolerance code (M = ±20%).
* **H10**: Refers to the physical dimensions (Case code for 10x10.5mm).
* **BX**: Internal manufacturing/material revision code.
* **R2**: Packaging type (Tape and Reel).
---
### 3. Key Electronic Characteristics
#### High Temperature Stability
Unlike standard electrolytic capacitors rated for 85°C or 105°C, the **HTK** series is rated for **125°C**. This makes it ideal for environments with poor ventilation or proximity to heat-generating components like CPUs or power MOSFETs.
#### Low ESR (Equivalent Series Resistance)
This part is designed to have low internal resistance. In electronic circuits, low ESR ensures:
* Lower heat generation during operation.
* Better efficiency in filtering high-frequency noise.
* Higher ripple current capability.
#### Application Use-Cases
* **DC-DC Converters:** Used for smoothing output voltage.
* **Automotive Modules:** Ideal for under-the-hood electronics where temperatures fluctuate.
* **LED Drivers:** Provides stable power filtering to prevent flickering.
---
### 4. Schematic Representation
In a circuit diagram, this component is polarized.
```text
(+) ---| |--- (-)
330uF
25V
```
*Note: During installation, the dark marking on the top of the "V-Chip" indicates the negative terminal.*
- ⤷
What is the ripple current rating for this specific capacitor?
- ⤷ Can this capacitor be used in a 24V system safely?
- ⤷ What are the recommended soldering profiles for this SMD component?