AI

The part number **HTK-25V102MHHEXQ-R2** corresponds to a high-performance **Aluminum Electrolytic Capacitor**, typically manufactured by brands like **Jianghai** or similar specialized electronic component producers. It is designed for high-reliability applications, often within the automotive or industrial sectors.
---
### 1. Technical Specifications Table
| Parameter | Specification | Details |
| :--- | :--- | :--- |
| **Capacitance** | 1000 µF | Energy storage capacity |
| **Voltage Rating** | 25V DC | Maximum continuous operating voltage |
| **Tolerance** | ±20% (M) | Standard industry tolerance |
| **Temperature Range** | -55°C to +125°C | High-temperature stability (HTK series) |
| **Endurance** | 2,000 to 5,000 hours | Rated life at maximum temperature |
| **Mounting Type** | SMD (Surface Mount) | V-Chip configuration |
| **Case Size** | Often 10x10.2mm | Physical dimensions (Check datasheet for exact) |
---
### 2. Part Number Breakdown (Typical Coding)
Most manufacturers use a structured naming convention for these components:
* **HTK**: Series name. Usually denotes **High Temperature** and **Low Impedance** characteristics.
* **25V**: Rated Voltage (25 Volts).
* **102**: Capacitance code. The first two digits are significant figures, the third is the multiplier ($10 \times 10^2 = 1000$ µF).
* **M**: Tolerance code (M = ±20%).
* **HHEXQ**: Case size and internal packaging internal codes (e.g., diameter and height).
* **R2**: Tape and Reel packaging specification.
---
### 3. Key Electronic Characteristics
#### A. Low ESR (Equivalent Series Resistance)
This capacitor is engineered to have low internal resistance, which minimizes heat generation during high-frequency switching. This makes it ideal for DC-DC converters.
#### B. High Ripple Current Handling
The "HTK" series is built to withstand significant ripple current, which is essential for filtering noise in power supplies for automotive ECUs (Electronic Control Units).
#### C. AEC-Q200 Compliance
Components with these specific long-string suffixes are frequently **AEC-Q200 qualified**, meaning they have undergone rigorous stress testing for vibration, thermal shock, and moisture resistance required for automotive environments.
---
### 4. Common Applications
* **Automotive Electronics:** Power steering modules, LED lighting drivers, and infotainment systems.
* **Industrial Automation:** Power filtering in PLCs and sensor arrays.
* **Telecommunications:** Base station power modules where high-temperature stability is required.
---
- ⤷
What is the exact physical footprint (dimensions) for the HHEXQ case code?
- ⤷ How does the ESR of this capacitor compare to standard general-purpose electrolytic capacitors?
- ⤷ Is this specific part number AEC-Q200 qualified for automotive use?