công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • HT-63V330MG10-R2

  • AI
    The part number **HT-63V330MG10-R2** refers to a high-quality **Aluminum Electrolytic Capacitor**. Below is a detailed breakdown of its specifications, construction, and typical applications. ### 1. Technical Specifications Breakdown The alphanumeric code provides specific details regarding the component's performance limits and physical size: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Capacitance** | 330 µF | The amount of charge the component can store. | | **Voltage Rating** | 63V | The maximum continuous DC voltage it can handle. | | **Tolerance** | ±20% (M) | The allowable variance in capacitance. | | **Form Factor** | Radial / Cylindrical | Through-hole mounting style. | | **Case Size** | G10 (approx. 10mm x 12.5mm) | Refers to the physical diameter and height. | | **Lead Spacing** | ~5.0 mm | Pitch between the positive and negative pins. | --- ### 2. Key Characteristics This specific capacitor belongs to a high-temperature or low-impedance series, often used in industrial or power electronics. * **Polarity:** As an electrolytic capacitor, it is **polarized**. The negative lead is usually marked with a stripe on the casing and is shorter than the positive lead. * **Temperature Rating:** Typically rated for **-40°C to +105°C**, making it suitable for environments with significant heat dissipation. * **Life Span:** Usually rated between 2,000 to 5,000 hours at its maximum temperature rating. * **ESR (Equivalent Series Resistance):** Designed for low ESR to minimize energy loss and heat generation during high-frequency operation. --- ### 3. Common Applications These parts are versatile but are most commonly found in the following circuits: 1. **Power Supply Filtering:** Smoothing out voltage ripples after rectification in AC-to-DC converters. 2. **DC-DC Converters:** Acting as bulk storage to maintain stable output voltages during load shifts. 3. **Audio Amplifiers:** Used for decoupling and power reservoir stages to ensure clean signal delivery. 4. **Industrial Controls:** Filtering noise in 24V or 48V control systems where a 63V safety margin is required. --- ### 4. Safety and Installation Tips * **Reverse Voltage:** Never apply negative voltage to the positive terminal; this can cause the internal electrolyte to boil, leading to a rupture of the safety vent or an explosion. * **Derating:** For long-term reliability, it is recommended to operate the capacitor at 80% or less of its rated voltage (e.g., using this 63V part in a 48V or 50V circuit). * **Soldering:** Ensure minimal heat exposure to the body during the soldering process to prevent drying out the electrolyte. ---
    ✨ Follow-up Questions
    • ⤷ What is the significance of the 'R2' suffix in this manufacturer's part numbering system?
    • ⤷ Can this capacitor be used in AC signal paths
    • ⤷ or is it strictly for DC applications?
    • ⤷ What are the recommended alternatives if a 330uF 63V radial capacitor is out of stock?