HT-63V100MF61N-R2
AI

The part number **HT-63V100MF61N-R2** refers to a high-temperature, radial leaded **Aluminum Electrolytic Capacitor**. These components are essential for energy storage, filtering, and decoupling in power electronic circuits.
### 1. Specification Breakdown
The alphanumeric code provides specific details about the capacitor's electrical and physical properties:
| Component | Value | Description |
| :--- | :--- | :--- |
| **Series** | HT | Indicates High Temperature/Long Life series. |
| **Voltage** | 63V | Maximum Rated Working Voltage (DC). |
| **Capacitance** | 100µF | Storage capacity (100 Microfarads). |
| **Case Size** | F61 | Standardized physical dimensions (Diameter x Length). |
| **Tolerance** | M | ±20% Capacitance Tolerance (Standard). |
| **Packaging** | R2 | Refers to Ammo pack or specific lead forming (Tape & Reel). |
---
### 2. Technical Characteristics
* **Capacitance:** 100 microfarads (µF). This is a mid-range value typically used for power supply smoothing.
* **Voltage Rating:** 63 Volts. It can safely operate in circuits up to approximately 50V (allowing for a safety margin).
* **Temperature Rating:** Usually rated for **105°C**, making it suitable for industrial environments where heat dissipation is an issue.
* **Polarity:** This is a **polarized** component. The negative terminal (shorter lead/stripe on body) must be connected to the ground/lower potential.
---
### 3. Common Applications
These capacitors are found in various electronic sectors:
* **Power Supplies:** Used as an output filter to smooth DC voltage ripples.
* **LED Drivers:** Provides stable current to lighting modules.
* **Industrial Automation:** Decoupling noise in control circuits for PLCs and sensors.
* **Audio Equipment:** Used in power stages to provide energy reservoirs for bass peaks.
---
### 4. Circuit Symbol and Footprint
In a schematic or PCB design, you would represent this part as follows:
```markdown
Symbol: ---||+(--- (Polarized Capacitor)
Footprint: Radial Lead (Through-hole)
Pitch: Typically 2.5mm or 5.0mm depending on the F61 case spec.
```
---
- ⤷
What are the physical dimensions (diameter and height) of the F61 case size?
- ⤷ Can this capacitor be used in AC circuits without modification?
- ⤷ What is the typical ripple current rating for the HT series?