HT-50V680MG10-R2
AI

The part number **HT-50V680MG10-R2** refers to a **Surface Mount (SMT) Aluminum Electrolytic Capacitor**. This component is designed for energy storage, filtering, and decoupling in electronic circuits.
Below is a detailed breakdown of its specifications and technical characteristics.
### 1. Technical Specifications
| Parameter | Value | Description |
| :--- | :--- | :--- |
| **Capacitance** | 68 µF | The amount of charge the capacitor can store. |
| **Voltage Rating** | 50V | The maximum DC voltage the part can handle safely. |
| **Tolerance** | ±20% (M) | The allowable variance from the nominal capacitance. |
| **Mounting Type** | Surface Mount (SMT) | Also known as "V-Chip" style for automated assembly. |
| **Case Size (DxL)** | 10mm x 10.2mm | Physical dimensions (Diameter x Height). |
| **Temperature Range** | -55°C to +105°C | Operating thermal limits. |
| **Series** | HT | Often denotes High Temperature or Low Impedance. |
---
### 2. Part Number Breakdown
Deciphering the alphanumeric code helps in understanding the manufacturer's logic:
* **HT**: Series designation (Standard or Low ESR high-temperature series).
* **50V**: Rated Working Voltage (50 Volts DC).
* **680**: Capacitance code. The "68" represents the significant digits, and "0" is the multiplier (68 x 10^0 = 68µF).
* **M**: Tolerance code (M = ±20%).
* **G10**: Case size code (G usually refers to a 10mm diameter; 10 refers to the height).
* **R2**: Packaging suffix (typically refers to Tape & Reel packaging for pick-and-place machines).
---
### 3. Physical Construction
This capacitor is an **Aluminum Electrolytic** type, which consists of:
1. **Anode Foil:** High-purity aluminum with an oxide layer acting as the dielectric.
2. **Electrolyte:** A liquid or gel-like conductive substance.
3. **Cathode Foil:** A second layer of aluminum foil.
4. **SMD Base:** A plastic "seat" that allows the cylindrical part to be soldered onto a flat PCB.
---
### 4. Common Applications
Due to its 50V rating and 68µF capacity, this part is commonly found in:
* **DC-DC Converters:** Filtering input/output noise.
* **Power Supplies:** Smoothing rectified AC voltage.
* **Automotive Electronics:** Used in modules requiring durability up to 105°C.
* **Consumer Electronics:** General purpose decoupling in audio or video equipment.
---
- ⤷
What are the equivalent replacement parts for this capacitor from brands like Nichicon or Panasonic?
- ⤷ How does the 'Low ESR' characteristic affect the performance of this capacitor in high-frequency circuits?
- ⤷ What is the typical shelf life of an aluminum electrolytic capacitor like the HT-50V680MG10-R2?