AI

The part number **HT-50V331MIEQ-R5** refers to a specific **Aluminum Electrolytic Capacitor**. Based on standard industry naming conventions (common for brands like Lelon, Samxon, or similar manufacturers), here is the detailed breakdown of its specifications.
---
### 1. Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Capacitance** | 330 µF (Microfarads) |
| **Voltage Rating** | 50V DC |
| **Type** | Aluminum Electrolytic |
| **Mounting Type** | Radial (Through-Hole) |
| **Temperature Range** | Usually -40°C to +105°C (HT often denotes High Temp) |
| **Tolerance** | ±20% (Standard for "M" code) |
| **Package/Case** | Cylindrical Can |
---
### 2. Part Number Breakdown
Breaking down the alphanumeric code:
* **HT**: Likely refers to the **Series**. In many catalogs, HT indicates a high-temperature or long-life series (105°C).
* **50V**: Represents the **Rated Voltage** (50 Volts).
* **331**: Represents the **Capacitance**. The first two digits (33) are significant figures, and the third (1) is the multiplier ($10^1$). $33 \times 10 = 330$ µF.
* **M**: Represents the **Tolerance** (M = ±20%).
* **IEQ**: This is a manufacturer-specific code for **Case Size** (e.g., 10x12.5mm or 8x11mm) and lead spacing.
* **R5**: Often indicates the **Packaging Style** (e.g., Bulk, Ammo Pack, or specific lead forming) and a Revision or RoHS compliance marker.
---
### 3. Key Applications
This capacitor is designed for general-purpose electronic filtering and power management:
1. **Power Supplies:** Used for smoothing output ripples in DC-DC converters.
2. **Audio Circuits:** Coupling and decoupling in amplifiers to block DC while passing AC.
3. **Industrial Controls:** Filtering noise in 24V or 48V control systems.
4. **Consumer Electronics:** Standard bypass capacitor on PCB motherboards.
---
### 4. Critical Considerations
* **Polarity:** As an electrolytic capacitor, it is **polarized**. The negative lead (shorter lead/stripe on the body) must be connected to the lower potential.
* **ESR (Equivalent Series Resistance):** If used in high-frequency switching power supplies, ensure the HT series meets your ESR requirements to prevent overheating.
* **Voltage Margin:** It is best practice to run the capacitor at 80% or less of its rated voltage (e.g., using a 50V cap for a 40V line) to increase lifespan.
---
- ⤷What is the physical dimensions/lead spacing for the IEQ case code?
- ⤷ Can I substitute a 50V 330uF capacitor with a 63V 330uF one?
- ⤷ What is the expected lifespan of the HT series at 105°C?